Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 12Page - Texas Instruments AM3874 Datasheet HTML 13Page - Texas Instruments AM3874 Datasheet HTML 14Page - Texas Instruments AM3874 Datasheet HTML 15Page - Texas Instruments AM3874 Datasheet HTML 16Page - Texas Instruments AM3874 Datasheet HTML 17Page - Texas Instruments AM3874 Datasheet HTML 18Page - Texas Instruments AM3874 Datasheet HTML 19Page - Texas Instruments AM3874 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
2.6
SGX530 Overview
The SGX530 is a vector/3D graphics accelerator for vector and 3-dimensional (3D) graphics applications.
The SGX530 graphics accelerator efficiently processes a number of various multimedia data types
concurrently:
•
Pixel data
•
Vertex data
•
Video data
This is achieved using a multi-threaded architecture using two levels of scheduling and data partitioning
enabling zero overhead task switching.
The SGX530 has the following major features:
•
Vector graphics and 3D graphics
•
Tile-based architecture
•
Universal Scalable Shader Engine (USSE™) - multi-threaded engine incorporating pixel and vertex
shader functionality
•
Advanced shader feature set - in excess of Microsoft VS3.0, PS3.0, and OpenGL2.0
•
Industry standard API support - OpenGL ES 1.1 and 2.0, OpenVG v1.1
•
Fine-grained task switching, load balancing, and power management
•
Advanced geometry DMA driven operation for minimum CPU interaction
•
Programmable high-quality image anti-aliasing
•
POWERVR® SGX core MMU for address translation from the core virtual address to the external
physical address (up to 4GB address range)
•
Fully-virtualized memory addressing for OS operation in a unified memory architecture
•
Advanced and standard 2D operations [for example, vector graphics, block level transfers (BLTs),
raster operations (ROPs)]
For more details on the SGX530, see the Chip Level Resources chapter of the AM387x Sitara™ ARM
Processors Technical Reference Manual (Literature Number: SPRUGZ7).
2.7
Spinlock Module Overview
The Spinlock module provides hardware assistance for synchronizing the processes running on multiple
processors in the device:
•
ARM Cortex-A8 processor
•
Media Controller
The Spinlock module implements 128 spinlocks (or hardware semaphores) that provide an efficient way to
perform a lock operation of a device resource using a single read-access, avoiding the need for a read-
modify-write bus transfer of which the programmable cores are not capable.
For more details on the Spinlock Module, see the Spinlock section of the Chip Level Resources chapter of
the AM387x Sitara™ ARM Processors Technical Reference Manual (Literature Number: SPRUGZ7).
16
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com