| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 361 page ![]() AM3874, AM3871 SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-11. GP1 Terminal Functions (continued) SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. GPMC, SD2 GPMC_CS[4]/ IPU PINCNTL126 SD2_CMD/ P25 I/O DVDD_GP General-Purpose Input/Output (I/O) 1 [GP1] pin 8 DSIS: PIN GP1[8] MC MM: MUX0 General-Purpose Input/Output (I/O) 1 [GP1] pin 7 The ENLVCMOS bit in the MLBP_DAT_IO_CTRL register should be set to 1 to enable GPIO LVCMOS mode. The PINCNTL62 ENP bit in the MLBP_DAT_IO_CTRL register should also IPD GP1[7] W1 I/O DSIS: PIN be set to 1 to enable the GPIO LVCMOS receiver. The DVDD_M MM: MUX1 internal Pullup/Pulldown is always disabled, regardless of the state of the PULLUDEN bit in the PINCNTL62 register. An external Pullup/Pulldown can be used to control the floating state of this pin. DEVOSC, SPI[1], DEVOSC_WAKE/ TIMER5 SPI[1]_SCS[1]/ IPU W6 I/O PINCNTL7 General-Purpose Input/Output (I/O) 1 [GP1] pin 7 TIM5_IO/ DVDD_SD DSIS: PIN GP1[7] MM: MUX0 SPI[0]_SCS[1]/ SD1_SDCD/ SPI[0], SD1, SATA, SATA_ACT0_LED/ IPU EDMA, TIMER4 AE5 I/O General-Purpose Input/Output (I/O) 1 [GP1] pin 6 EDMA_EVT1/ DVDD PINCNTL80 TIM4_IO/ DSIS: PIN GP1[6] UART0_RIN/ UART0, UART3, UART3_RTS/ IPU UART1 AF4 I/O General-Purpose Input/Output (I/O) 1 [GP1] pin 5 UART1_RXD/ DVDD PINCNTL77 GP1[5] DSIS: PIN UART0_DTR/ UART0, UART3, UART3_CTS/ IPU UART1 AG2 I/O General-Purpose Input/Output (I/O) 1 [GP1] pin 4 UART1_TXD/ DVDD PINCNTL76 GP1[4] DSIS: PIN UART0_DSR/ UART3_TXD/ UART0, UART3, SPI[0]_SCS[2]/ IPU SPI[0], I2C[2], SD1 AG4 I/O General-Purpose Input/Output (I/O) 1 [GP1] pin 3 I2C[2]_SDA/ DVDD PINCNTL75 SD1_SDWP/ DSIS: PIN GP1[3] UART0_DCD/ UART3_RXD/ UART0, UART3, SPI[0]_SCS[3]/ IPU SPI[0], I2C[2], SD1 AH4 I/O General-Purpose Input/Output (I/O) 1 [GP1] pin 2 I2C[2]_SCL/ DVDD PINCNTL74 SD1_POW/ DSIS: PIN GP1[2] DCAN0_RX/ DCAN0, UART2, UART2_RXD/ IPU I2C[3] AG6 I/O General-Purpose Input/Output (I/O) 1 [GP1] pin 1 I2C[3]_SCL/ DVDD PINCNTL69 GP1[1] DSIS: PIN DCAN0_TX/ DCAN0, UART2, UART2_TXD/ IPU I2C[3] AH6 I/O General-Purpose Input/Output (I/O) 1 [GP1] pin 0 I2C[3]_SDA/ DVDD PINCNTL68 GP1[0] DSIS: PIN 70 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |