Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 30Page - Texas Instruments AM3874 Datasheet HTML 31Page - Texas Instruments AM3874 Datasheet HTML 32Page - Texas Instruments AM3874 Datasheet HTML 33Page - Texas Instruments AM3874 Datasheet HTML 34Page - Texas Instruments AM3874 Datasheet HTML 35Page - Texas Instruments AM3874 Datasheet HTML 36Page - Texas Instruments AM3874 Datasheet HTML 37Page - Texas Instruments AM3874 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
3.2
Terminal Functions
The terminal functions tables identify the external signal names and their pin multiplexing, the associated
pin (ball) numbers along with the mechanical package designator, the pin type (for example, I, O, Z, S, A,
or GND), whether the pin has any internal pullup or pulldown resistors (for example, IPU, IPD, or DIS), the
supply voltage source, and describe the function or functions on the pin. The MUXED column in the tables
also identifies all peripheral pin functions multiplexed on a pin, the pin control register (PINCNTLx) that
controls which peripheral pin function is selected for that particular pin, and indicates the state driven on
the peripheral input (logic 0, logic 1, or PIN level) when the peripheral pin function is not selected (that is,
the de-selected input state [DSIS]), and the Multi-Muxed [MM] option for that peripheral pin function). For
more detailed information on device configuration, boot mode order, peripheral selection, and
multiplexed/shared pin control, and so on, see Section 4, Device Configurations of this data manual.
34
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com