Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 10Page - Texas Instruments AM3874 Datasheet HTML 11Page - Texas Instruments AM3874 Datasheet HTML 12Page - Texas Instruments AM3874 Datasheet HTML 13Page - Texas Instruments AM3874 Datasheet HTML 14Page - Texas Instruments AM3874 Datasheet HTML 15Page - Texas Instruments AM3874 Datasheet HTML 16Page - Texas Instruments AM3874 Datasheet HTML 17Page - Texas Instruments AM3874 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
•
Thumb-2 Instruction Set
•
Jazelle RCT Acceleration
•
CP14 Debug Coprocessor
•
CP15 System Control Coprocessor
•
NEON™ 64-/128-bit Hybrid SIMD Engine for Multimedia
•
Enhanced VFPv3 Floating-Point Coprocessor
•
Enhanced Memory Management Unit (MMU)
•
Separate Level-1 Instruction and Data Caches
•
Integrated Level-2 Cache
•
128-bit Interconnector-to-System Memories and Peripherals
•
Embedded Trace Module (ETM).
2.4.2
Embedded Trace Module (ETM)
To support real-time trace, the ARM Cortex-A8 processor provides an interface to enable connection of an
embedded trace module (ETM). The ETM consists of two parts:
•
The Trace port which provides real-time trace capability for the ARM Cortex-A8.
•
Triggering facilities that provide trigger resources, which include address and data comparators,
counter, and sequencers.
The ARM Cortex-A8 trace port is not pinned out and is, instead, only connected to the system-level
Embedded Trace Buffer (ETB). The ETB has a 32KB buffer memory. ETB enabled debug tools are
required to read/interpret the captured trace data.
For more details on the ETM, see Section 8.5.2, Trace.
2.4.3
ARM Cortex-A8 Interrupt Controller (AINTC)
The ARM Cortex-A8 subsystem contains an interrupt controller (AINTC) that prioritizes all service requests
from the system peripherals and generates either IRQ or FIQ to the ARM Cortex-A8 processor. For more
details on the AINTC, see Section 7.5.1, ARM Cortex-A8 Interrupts.
Note: For General-Purpose devices, the AINTC does not support the generation of FIQs to the ARM
processor.
2.4.4
ARM Cortex-A8 PLL (PLL_ARM)
The ARM Cortex-A8 subsystem contains an embedded PLL Controller (PLL_ARM) for generating the
subsystem’s clocks from the DEV Clock input. For more details on the PLL_ARM, see Section 7.4,
Clocking.
2.4.5
ARM MPU Interconnect
The ARM Cortex-A8 processor is connected through the arbiter to both an L3 interconnect port and a
DMM port. The DMM port is 128 bits wide and provides the ARM Cortex-A8 direct access to the DDR
memories, while the L3 interconnect port is 64 bits wide and provides access to the remaining device
modules.
14
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com