Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 65 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 61Page - Texas Instruments AM3874 Datasheet HTML 62Page - Texas Instruments AM3874 Datasheet HTML 63Page - Texas Instruments AM3874 Datasheet HTML 64Page - Texas Instruments AM3874 Datasheet HTML 65Page - Texas Instruments AM3874 Datasheet HTML 66Page - Texas Instruments AM3874 Datasheet HTML 67Page - Texas Instruments AM3874 Datasheet HTML 68Page - Texas Instruments AM3874 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-10. GP0 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
MCA[2], SD0,
MCA[2]_AXR[1]/
UART5
SD0_DAT[7]/
IPU
V6
I/O
PINCNTL42
UART5_TXD/
DVDD
DSIS: PIN
GP0[13]
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 13
VIN[0]A_D[19]/
CAMERA_I/F,
CAM_D[11]/
EMAC[1]_RM,
IPU
EMAC[1]_RMRXD[0]/
AF21
I/O
I2C[3]
DVDD_C
I2C[3]_SDA/
PINCNTL159
GP0[13]
DSIS: PIN
MM: MUX0
MCA[2], SD0,
MCA[2]_AXR[0]/
UART5
SD0_DAT[6]/
IPU
N2
I/O
PINCNTL41
UART5_RXD/
DVDD
DSIS: PIN
GP0[12]
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 12
VIN[0]A_D[18]/
CAMERA_I/F,
CAM_D[10]/
EMAC[1]_RM,
IPU
EMAC[1]_RMRXD[1]/
AF20
I/O
I2C[3]
DVDD_C
I2C[3]_SCL/
PINCNTL158
GP0[12]
DSIS: PIN
MM: MUX0
MCA[2]
MCA[2]_AFSX/
IPU
PINCNTL40
AA5
I/O
GP0[11]
DVDD
DSIS: PIN
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 11
VIN[0]A_D[17]/
CAMERA_I/F,
CAM_D[9]/
IPD
EMAC[1]_RM
AB21
I/O
EMAC[1]_RMRXER/
DVDD_C
PINCNTL157
GP0[11]
DSIS: PIN
MM: MUX0
MCA[2]
MCA[2]_ACLKX/
IPU
PINCNTL39
U6
I/O
GP0[10]
DVDD
DSIS: PIN
MM: MUX1
VIN[0]A,
General-Purpose Input/Output (I/O) 0 [GP0] pin 10
VIN[0]A_D[16]/
CAMERA_I/F,
CAM_D[8]/
IPU
I2C[2]
AA21
I/O
I2C[2]_SCL/
DVDD_C
PINCNTL156
GP0[10]
DSIS: PIN
MM: MUX0
AUD_CLKIN2/
AUD_CLKIN2,
MCA[0]_AXR[9]/
MCA[0], MCA[2],
MCA[2]_AHCLKX/
IPD
MCA[5], EDMA,
MCA[5]_AHCLKX/
H1
I/O
General-Purpose Input/Output (I/O) 0 [GP0] pin 9
DVDD
TIMER3
EDMA_EVT2/
PINCNTL16
TIM3_IO/
DSIS: PIN
GP0[9]
AUD_CLKIN1/
AUD_CLKIN1,
MCA[0]_AXR[8]/
MCA[0], MCA[1],
MCA[1]_AHCLKX/
IPD
MCA[4], EDMA,
MCA[4]_AHCLKX/
R5
I/O
General-Purpose Input/Output (I/O) 0 [GP0] pin 8
DVDD
TIMER2
EDMA_EVT3/
PINCNTL15
TIM2_IO/
DSIS: PIN
GP0[8]
USB0
USB0_DRVVBUS/
IPD
AF11
I/O
PINCNTL270
General-Purpose Input/Output (I/O) 0 [GP0] pin 7
GP0[7]
DVDD
DSIS: PIN
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
65
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com