| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 77 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 77 Page - Texas Instruments |
|
77 / 361 page ![]() AM3874, AM3871 www.ti.com SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 3.2.8 GPMC Table 3-14. GPMC Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. GPMC_CLK/ GPMC_CS[5]/ GPMC, CLKOUT1, GPMC_WAIT[1]/ EDMA, TIMER4, IPU CLKOUT1/ R26 O GP1 GPMC Clock output DVDD_GPMCB EDMA_EVT3/ PINCNTL127 TIM4_IO/ DSIS: 0 GP1[27] SD2_DAT[4]/ GPMC_A[27]/ SD2, GPMC, GPMC_A[23]/ EDMA, TIMER7, IPU GPMC_CS[7]/ R24 O GP1 GPMC Chip Select 7 DVDD_GPMC EDMA_EVT0/ PINCNTL116 TIM7_IO/ DSIS: N/A GP1[22] GPMC_ADV_ALE/ GPMC, TIMER5, GPMC_CS[6]/ IPU GP1 M26 O GPMC Chip Select 6 TIM5_IO/ DVDD_GPMCB PINCNTL128 GP1[28] DSIS: N/A GPMC_CLK/ GPMC_CS[5]/ GPMC, CLKOUT1, GPMC_WAIT[1]/ EDMA, TIMER4, IPU CLKOUT1/ R26 O GP1 GPMC Chip Select 5 DVDD_GPMCB EDMA_EVT3/ PINCNTL127 TIM4_IO/ DSIS: N/A GP1[27] GPMC_CS[4]/ SD2, GP1 IPU SD2_CMD/ P25 O PINCNTL126 GPMC Chip Select 4 DVDD_GPMC GP1[8] DSIS: N/A GPMC_CS[3]/ VIN[1]B, SPI[2], VIN[1]B_CLK/ IPU GP1 P26 O GPMC Chip Select 3 SPI[2]_SCS[0]/ DVDD_GPMC PINCNTL125 GP1[26] DSIS: N/A GPMC_CS[2]/ GPMC, GP1 IPU GPMC_A[24]/ M25 O PINCNTL124 GPMC Chip Select 2 DVDD_GPMC GP1[25] DSIS: N/A GPMC_CS[1]/ GPMC, GP1 IPU GPMC_A[25]/ K28 O PINCNTL123 GPMC Chip Select 1 DVDD_GPMCB GP1[24] DSIS: N/A GP1 GPMC_CS[0]/ IPU T28 O PINCNTL122 GPMC Chip Select 0 GP1[23] DVDD_GPMCB DSIS: N/A – IPU GPMC_WE U28 O PINCNTL130 GPMC Write Enable output DVDD_GPMCB DSIS: N/A – IPU GPMC_OE_RE T27 O PINCNTL129 GPMC Output Enable output DVDD_GPMCB DSIS: N/A GPMC_BE[1]/ GPMC, EDMA, GPMC_A[24]/ IPD TIMER7, GP1 EDMA_EVT1/ V28 O GPMC Upper Byte Enable output DVDD_GPMCB PINCNTL132 TIM7_IO/ DSIS: N/A GP1[30] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De- selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and the Section 7.3.17, Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 77 Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |