Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 55Page - Texas Instruments AM3874 Datasheet HTML 56Page - Texas Instruments AM3874 Datasheet HTML 57Page - Texas Instruments AM3874 Datasheet HTML 58Page - Texas Instruments AM3874 Datasheet HTML 59Page - Texas Instruments AM3874 Datasheet HTML 60Page - Texas Instruments AM3874 Datasheet HTML 61Page - Texas Instruments AM3874 Datasheet HTML 62Page - Texas Instruments AM3874 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VIN[0]A,
VIN[0]A_D[22]/
CAMERA_I/F,
CAM_D[14]/
IPD
SPI[3], GP0
EMAC[1]_RMTXD[1]/
AC21
O
DVDD_C
PINCNTL162
SPI[3]_D[1]/
DSIS: N/A
GP0[16]
MM: MUX1
EMAC[0]_MTXD[7]/
EMAC[0],
EMAC[1]_RGTXD[3]/
GPMC, UART1
IPD
EMAC[1]_RMTXD[1]/
H24
O
PINCNTL257
DVDD_GPMC
GPMC_A[14]/
DSIS: N/A
UART1_CTS
MM: MUX0
RMII Transmit Data [1:0].
VIN[0]A
VIN[0]A_D[21]/
CAMERA_I/F,
CAM_D[13]/
IPD
SPI[3], GP0
EMAC[1]_RMTXD[0]/
AE18
O
DVDD_C
PINCNTL161
SPI[3]_SCLK/
DSIS: N/A
GP0[15]
MM: MUX1
EMAC[0],
EMAC[0]_MTXD[6]/
EMAC[1],
EMAC[1]_RGRXD[0]/
IPD
GPMC, UART1
EMAC[1]_RMTXD[0]/
J22
O
DVDD_GPMC
PINCNTL256
GPMC_A[13]/
DSIS: N/A
UART1_TXD
MM: MUX0
VIN[0]A,
VIN[0]A_D[23]/
CAMERA_I/F,
CAM_D[15]/
IPD
SPI[3], GP0
EMAC[1]_RMTXEN/
AC16
O
DVDD_C
PINCNTL163
SPI[3]_D[0]/
DSIS: N/A
GP0[17]
MM: MUX1
RMII Transmit Data Enable output
EMAC[0],
EMAC[0]_MTXEN/
EMAC[1],
EMAC[1]_RGRXD[2]/
IPD
GPMC, UART1
EMAC[1]_RMTXEN/
J23
O
DVDD_GPMC
PINCNTL258
GPMC_A[15]/
DSIS: N/A
UART1_RTS
MM: MUX0
EMAC[1] RGMII MODE
An EMAC bootmode must be selected via the BTMODE[4:0] pins. Once the EMAC bootmode is selected, the BTMODE[9:8] pins determine
the Ethernet PHY Mode Selection (for example, 10b is RGMII mode). For more detailed information on EMAC bootmodes and Ethernet
PHY Mode selection, see Section 4.2.6, Ethernet PHY Mode Selection
These pin functions are available only when RGMII mode is selected.
EMAC[0]_GMTCLK/
EMAC[0],
EMAC[1]_RGRXC/
IPD
GPMC, SPI[2]
K23
I
RGMII Receive Clock
GPMC_A[6]/
DVDD_GPMC
PINCNTL249
SPI[2]_D[1]
DSIS: PIN
EMAC[0]_MRXD[3]/
EMAC[1]_RGRXCTL/
EMAC[0],
GPMC_A[27]/
IPD
GPMC, UART5
J25
I
RGMII Receive Control
GPMC_A[26]/
DVDD_GPMC
PINCNTL243
GPMC_A[0]/
DSIS: PIN
UART5_RXD
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
59
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com