Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 37Page - Texas Instruments AM3874 Datasheet HTML 38Page - Texas Instruments AM3874 Datasheet HTML 39Page - Texas Instruments AM3874 Datasheet HTML 40Page - Texas Instruments AM3874 Datasheet HTML 41Page - Texas Instruments AM3874 Datasheet HTML 42Page - Texas Instruments AM3874 Datasheet HTML 43Page - Texas Instruments AM3874 Datasheet HTML 44Page - Texas Instruments AM3874 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
3.2.4
DDR2/DDR3 Memory Controller
Table 3-4. DDR2/DDR3 Memory Controller 0 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DDR2/DDR3 Memory Controller 0 (DDR[0])
DDR[0] Clock
IPD/DIS
DDR[0]_CLK
B16
O
The internal pulldown (IPD) is enabled for this pin when the device is
DVDD_DDR[0]
in reset and the IPD is disabled (DIS) when reset is released.
DDR[0] Negative Clock
IPU/DIS
DDR[0]_CLK
A16
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[0]
reset and the IPU is disabled (DIS) when reset is released.
IPD
DDR[0]_CKE
H18
O
DDR[0] Clock Enable
DVDD_DDR[0]
DDR[0] Write Enable
IPU/DIS
DDR[0]_WE
C17
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[0]
reset and the IPU is disabled (DIS) when reset is released.
DDR[0] Chip Select 0
IPU/DIS
DDR[0]_CS[0]
F18
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[0]
reset and the IPU is disabled (DIS) when reset is released.
DDR[0] Chip Select 1
IPU/DIS
DDR[0]_CS[1]
G17
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[0]
reset and the IPU is disabled (DIS) when reset is released.
DDR[0] Row Address Strobe output
IPU/DIS
DDR[0]_RAS
B18
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[0]
reset and the IPU is disabled (DIS) when reset is released.
DDR[0] Column Address Strobe output
IPU/DIS
DDR[0]_CAS
C18
O
The internal pullup (IPU) is enabled for this pin when the device is in
DVDD_DDR[0]
reset and the IPU is disabled (DIS) when reset is released.
IPU/IPD
DDR[0]_DQM[3]
F20
O
DDR[0] Data Mask outputs
DVDD_DDR[0]
DDR[0]_DQM[3]: For upper byte data bus DDR[0]_D[31:24]
IPU/IPD
DDR[0]_DQM[2]: For DDR[0]_D[23:16]
DDR[0]_DQM[2]
C24
O
DVDD_DDR[0]
DDR[0]_DQM[1]: For DDR[0]_D[15:8]
DDR[0]_DQM[0]: For lower byte data bus DDR[0]_D[7:0]
IPU/IPD
DDR[0]_DQM[1]
B28
O
DVDD_DDR[0]
The internal pullup (IPU) is enabled for these pins when the device is
IPU/IPD
in reset and switches to an IPD enabled when reset is released.
DDR[0]_DQM[0]
E28
O
DVDD_DDR[0]
IPD
DDR[0]_DQS[3]
B21
I/O
DVDD_DDR[0]
Data strobe input/outputs for each byte of the 32-bit data bus. They
are outputs to the DDR[0] memory when writing and inputs when
IPD
DDR[0]_DQS[2]
B23
I/O
reading. They are used to synchronize the data transfers.
DVDD_DDR[0]
DDR[0]_DQS[3]: For upper byte data bus DDR[0]_D[31:24]
IPD
DDR[0]_DQS[2]: For DDR[0]_D[23:16]
DDR[0]_DQS[1]
B26
I/O
DVDD_DDR[0]
DDR[0]_DQS[1]: For DDR[0]_D[15:8]
DDR[0]_DQS[0]: For lower byte data bus DDR[0]_D[7:0]
IPD
DDR[0]_DQS[0]
D28
I/O
DVDD_DDR[0]
IPU
DDR[0]_DQS[3]
A21
I/O
Complementary data strobe input/outputs for each byte of the 32-bit
DVDD_DDR[0]
data bus. They are outputs to the DDR[0] memory when writing and
IPU
inputs when reading. They are used to synchronize the data
DDR[0]_DQS[2]
A23
I/O
DVDD_DDR[0]
transfers.
DDR[0]_DQS[3]: For upper byte data bus DDR[0]_D[31:24]
IPU
DDR[0]_DQS[1]
A26
I/O
DDR[0]_DQS[2]: For DDR[0]_D[23:16]
DVDD_DDR[0]
DDR[0]_DQS[1]: For DDR[0]_D[15:8]
IPU
DDR[0]_DQS[0]: For lower byte data bus DDR[0]_D[7:0]
DDR[0]_DQS[0]
D27
I/O
DVDD_DDR[0]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
41
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com