Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 69Page - Texas Instruments AM3874 Datasheet HTML 70Page - Texas Instruments AM3874 Datasheet HTML 71Page - Texas Instruments AM3874 Datasheet HTML 72Page - Texas Instruments AM3874 Datasheet HTML 73Page - Texas Instruments AM3874 Datasheet HTML 74Page - Texas Instruments AM3874 Datasheet HTML 75Page - Texas Instruments AM3874 Datasheet HTML 76Page - Texas Instruments AM3874 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
Table 3-12. GP2 Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
VIN[0]A_VSYNC/
VIN[0]A, UART5
IPU
UART5_CTS/
AD20
I/O
PINCNTL139
General-Purpose Input/Output (I/O) 2 [GP2] pin 4
DVDD
GP2[4]
DSIS: PIN
VIN[0]A_HSYNC/
VIN[0]A, UART5
IPU
UART5_RTS/
AC20
I/O
PINCNTL138
General-Purpose Input/Output (I/O) 2 [GP2] pin 3
DVDD
GP2[3]
DSIS: PIN
VIN[0]A
VIN[0]A_CLK/
IPD
PINCNTL137
AB20
I/O
GP2[2]
DVDD
DSIS: PIN
MM: MUX1
VOUT[0],
General-Purpose Input/Output (I/O) 2 [GP2] pin 2
VOUT[0]_FLD/
CAMERA_I/F,
CAM_PCLK/
IPD
GPMC, UART2
GPMC_A[12]/
AF18
I/O
DVDD_C
PINCNTL175
UART2_RTS/
DSIS: PIN
GP2[2]
MM: MUX0
VIN[0]A_FLD/
VIN[0]A, VIN[0]B,
VIN[0]B_VSYNC/
IPU
UART5, I2C[2]
UART5_RXD/
AA20
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 1
DVDD
PINCNTL136
I2C[2]_SCL/
DSIS: PIN
GP2[1]
VIN[0]A_DE/
VIN[0]A, VIN[0]B,
VIN[0]B_HSYNC/
IPU
UART5, I2C[2]
UART5_TXD/
AE21
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 0
DVDD
PINCNTL135
I2C[2]_SDA/
DSIS: PIN
GP2[0]
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
73
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com