Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 2Page - Texas Instruments AM3874 Datasheet HTML 3Page - Texas Instruments AM3874 Datasheet HTML 4Page - Texas Instruments AM3874 Datasheet HTML 5Page - Texas Instruments AM3874 Datasheet HTML 6Page - Texas Instruments AM3874 Datasheet HTML 7Page - Texas Instruments AM3874 Datasheet HTML 8Page - Texas Instruments AM3874 Datasheet HTML 9Page - Texas Instruments AM3874 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 361 page
background image
AM3874, AM3871
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
www.ti.com
1
High-Performance System-on-Chip (SoC)
......... 1
7.3
Reset
.............................................. 180
1.1
Features
............................................. 1
7.4
Clocking
........................................... 188
1.2
Applications
.......................................... 2
7.5
Interrupts
.......................................... 205
1.3
Description
........................................... 3
8
Peripheral Information and Timings
............. 208
1.4
Functional Block Diagram
........................... 5
8.1
Parameter Information
............................ 208
8.2
Recommended Clock and Control Signal Transition
Revision History
.............................................. 7
Behavior
........................................... 209
2
Device Overview
....................................... 11
8.3
Controller Area Network Interface (DCAN)
....... 210
2.1
Device Comparison
................................ 11
8.4
EDMA
............................................. 212
2.2
Device Characteristics
.............................. 11
8.5
Emulation Features and Capability
............... 219
2.3
Device Compatibility
................................ 13
8.6
Ethernet MAC Switch (EMAC SW)
................ 223
2.4
ARM® Cortex™-A8 Microprocessor Unit (MPU)
Subsystem Overview
............................... 13
8.7
General-Purpose Input/Output (GPIO)
............ 238
8.8
General-Purpose Memory Controller (GPMC) and
2.5
Media Controller Overview
......................... 15
Error Location Module (ELM)
..................... 241
2.6
SGX530 Overview
.................................. 16
8.9
High-Definition Multimedia Interface (HDMI)
...... 258
2.7
Spinlock Module Overview
......................... 16
8.10
High-Definition Video Processing Subsystem
2.8
Mailbox Module Overview
.......................... 17
(HDVPSS)
......................................... 261
2.9
Memory Map Summary
............................. 18
8.11
Inter-Integrated Circuit (I2C)
...................... 267
3
Device Pins
............................................. 25
8.12
Imaging Subsystem (ISS)
......................... 271
3.1
Pin Maps
........................................... 25
8.13
DDR2/DDR3 Memory Controller
.................. 274
3.2
Terminal Functions
................................. 34
8.14
Multichannel Audio Serial Port (McASP)
.......... 309
4
Device Configurations
.............................. 144
8.15
Multichannel Buffered Serial Port (McBSP)
....... 317
4.1
Control Module Registers
......................... 144
8.16
MultiMedia Card/Secure Digital/Secure Digital Input
4.2
Boot Modes
....................................... 144
Output (MMC/SD/SDIO)
........................... 322
4.3
Pin Multiplexing Control
........................... 150
8.17
Peripheral Component Interconnect Express (PCIe)
..................................................... 325
4.4
Handling Unused Pins
............................ 161
8.18
Serial ATA Controller (SATA)
..................... 332
4.5
DeBugging Considerations
........................ 161
8.19
Serial Peripheral Interface (SPI)
.................. 336
5
System Interconnect
................................ 163
8.20
Timers
............................................. 343
6
Device Operating Conditions
...................... 167
8.21
Universal Asynchronous Receiver/Transmitter
6.1
Absolute Maximum Ratings
....................... 167
(UART)
............................................ 345
6.2
Recommended Operating Conditions
............. 168
8.22
Universal Serial Bus (USB2.0)
.................... 347
6.3
Power-On Hours (POH)
........................... 169
9
Device and Documentation Support
............. 355
6.4
Electrical Characteristics Over Recommended
9.1
Device Support
.................................... 355
Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted)
.......... 170
9.2
Documentation Support
........................... 356
7
Power, Reset, Clocking, and Interrupts
......... 172
9.3
Community Resources
............................ 356
7.1
Power, Reset and Clock Management (PRCM)
10
Mechanical
............................................ 357
Module
............................................ 172
10.1
Thermal Data for CYE-04 (Top Hat)
.............. 357
7.2
Power
.............................................. 172
10.2
Packaging Information
............................ 357
6
Contents
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com