| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 88 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 88 Page - Texas Instruments |
|
88 / 361 page ![]() AM3874, AM3871 SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-16. I2C Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. EMAC[0]_MTCLK/ EMAC[0], VIN[1]B, SPI[3], EMAC[0]_RGRXC/ GP3 VIN[1]B_D[0]/ IPD L24 I/O PINCNTL235 SPI[3]_SCS[3]/ DVDD_GPMC DSIS: 1 I2C[2]_SDA/ MM: MUX3 GP3[23] VOUT[1]_R_CR[3]/ GPMC_A[14]/ VOUT[1], GPMC, VIN[1]A, VIN[1]A_D[22]/ HDMI, SPI[2], GP3 IPU HDMI_SDA/ AG28 I/O PINCNTL229 DVDD SPI[2]_SCLK/ DSIS: 1 I2C[2] Data I/O. For proper device operation in I2C[2]_SDA/ MM: MUX2 I2C mode, this pin must be pulled up via GP3[21] external resistor. VIN[0]A_DE/ VIN[0]A, VIN[0]B, UART5, VIN[0]B_HSYNC/ GP2 IPU UART5_TXD/ AE21 I/O PINCNTL135 DVDD I2C[2]_SDA/ DSIS: 1 GP2[0] MM: MUX1 UART0_DSR/ UART0, UART3, SPI[0], UART3_TXD/ SD1, GP1 SPI[0]_SCS[2]/ IPU AG4 I/O PINCNTL75 I2C[2]_SDA/ DVDD DSIS: 1 SD1_SDWP/ MM: MUX0 GP1[3] I2C3 VOUT[1]_B_CB_C[8]/ VOUT[1], EMAC[1], EMAC[1]_MRXD[4]/ VIN[1]A, GP3 IPD VIN[1]A_D[5]/ AH26 I/O PINCNTL213 DVDD I2C[3]_SCL/ DSIS: 1 GP3[5] MM: MUX3 VIN[0]A_D[18]/ VIN[0]A, CAM I/F, CAM_D[10]/ EMAC[1], GP0 IPU EMAC[1]_RMRXD[1]/ AF20 I/O PINCNTL158 DVDD_C I2C3 Clock I/O. For proper device operation in I2C[3]_SCL/ DSIS: 1 I2C mode, this pin must be pulled up via GP0[12] MM: MUX2 external resistor. DCAN0_RX/ DCAN0, UART2, GP1 UART2_RXD/ IPU PINCNTL69 AG6 I/O I2C[3]_SCL/ DVDD DSIS: 1 GP1[1] MM: MUX1 MCA[0] MCA[0]_AXR[1]/ IPU PINCNTL22 J1 I/O I2C[3]_SCL DVDD DSIS: 1 MM: MUX0 VOUT[1]_B_CB_C[9]/ VOUT[1], EMAC[1], EMAC[1]_MRXD[5]/ VIN[1]A, GP3 IPD VIN[1]A_D[6]/ AA24 I/O PINCNTL214 DVDD I2C[3]_SDA/ DSIS: 1 GP3[6] MM: MUX3 VIN[0]A_D[19]/ VIN[0]A, CAM I/F, CAM_D[11]/ EMAC[1], GP0 IPU EMAC[1]_RMRXD[0]/ AF21 I/O PINCNTL159 DVDD_C I2C3 Data I/O. For proper device operation in I2C[3]_SDA/ DSIS: 1 I2C mode, this pin must be pulled up via GP0[13] MM: MUX2 external resistor. DCAN0_TX/ DCAN0, UART2, GP1 UART2_TXD/ IPU PINCNTL68 AH6 I/O I2C[3]_SDA/ DVDD DSIS: 1 GP1[0] MM: MUX1 MCA[0] MCA[0]_AXR[2]/ IPU PINCNTL23 L4 I/O I2C[3]_SDA DVDD DSIS: 1 MM: MUX0 88 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |