Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 85 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 81Page - Texas Instruments AM3874 Datasheet HTML 82Page - Texas Instruments AM3874 Datasheet HTML 83Page - Texas Instruments AM3874 Datasheet HTML 84Page - Texas Instruments AM3874 Datasheet HTML 85Page - Texas Instruments AM3874 Datasheet HTML 86Page - Texas Instruments AM3874 Datasheet HTML 87Page - Texas Instruments AM3874 Datasheet HTML 88Page - Texas Instruments AM3874 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
3.2.9
HDMI
Table 3-15. HDMI Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
–
HDMI_CLKP
AG18
O
VDDA_HDMI_
–
HDMI Clock Output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_CLKN
AH18
O
VDDA_HDMI_
–
1P8
–
HDMI_DN2
AH21
O
VDDA_HDMI_
–
HDMI Data 2 output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_DP2
AG21
O
VDDA_HDMI_
–
1P8
–
HDMI_DN1
AH20
O
VDDA_HDMI_
–
HDMI Data 1 output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_DP1
AG20
O
VDDA_HDMI_
–
1P8
–
HDMI_DN0
AH19
O
VDDA_HDMI_
–
HDMI Data 0 output.
1P8
When the HDMI PHY is powered down, these pins
–
should be left unconnected.
HDMI_DP0
AG19
O
VDDA_HDMI_
–
1P8
VOUT[1]_G_Y_YC[2]/
VOUT[1], GPMC,
GPMC_A[13]/
VIN[1]ASPI[2],
VIN[1]A_D[21]/
IPU
I2C[2], GP3
HDMI_SCL/
AF27
I/O
DVDD
PINCNTL228
SPI[2]_SCS[2]/
DSIS: 1
I2C[2]_SCL/
HDMI I2C Serial Clock Output
MM: MUX1
GP3[20]
I2C[1]
I2C[1]_SCL/
PINCNTL78
AF24
I/O
DVDD
HDMI_SCL
DSIS: 1
MM: MUX0
VOUT[1]_R_CR[3]/
VOUT[1], GPMC,
GPMC_A[14]/
VIN[1]ASPI[2],
VIN[1]A_D[22]/
IPU
I2C[2], GP3
HDMI_SDA/
AG28
I/O
DVDD
PINCNTL229
SPI[2]_SCLK/
DSIS: 1
I2C[2]_SDA/
HDMI I2C Serial Data I/O
MM: MUX1
GP3[21]
I2C[1]
I2C[1]_SDA/
PINCNTL79
AG24
I/O
DVDD
HDMI_SDA
DSIS: 1
MM: MUX0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
85
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com