| Electronic Components Datasheet Search |
|
AM3874 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3874 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 361 page ![]() AM3874, AM3871 SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013 www.ti.com 2.9.2 L4 Memory Map The L4 Fast Peripheral Domain, L4 Slow Peripheral Domain regions of the memory maps above are broken out into Table 2-4 and Table 2-5. For more details on the interconnect topology and connectivity across the L3 and L4 interconnects, see Table 7-17, System Interconnect. 2.9.2.1 L4 Fast Peripheral Memory Map Table 2-4. L4 Fast Peripheral Memory Map Cortex-A8 and L3 Masters SIZE DEVICE NAME START ADDRESS END ADDRESS (HEX) (HEX) 0x4A00_0000 0x4A00_07FF 2KB L4 Fast Configuration - Address/Protection (AP) 0x4A00_0800 0x4A00_0FFF 2KB L4 Fast Configuration - Link Agent (LA) 0x4A00_1000 0x4A00_13FF 1KB L4 Fast Configuration - Initiator Port (IP0) 0x4A00_1400 0x4A00_17FF 1KB L4 Fast Configuration - Initiator Port (IP1) 0x4A00_1800 0x4A00_1FFF 2KB Reserved 0x4A00_2000 0x4A07_FFFF 504KB Reserved 0x4A08_0000 0x4A0F_FFFF 512KB Reserved 0x4A10_0000 0x4A10_7FFF 32KB EMAC SW Peripheral Registers 0x4A10_8000 0x4A10_8FFF 4KB EMAC SW Support Registers 0x4A14_0000 0x4A14_FFFF 64KB SATA Peripheral Registers 0x4A15_0000 0x4A15_0FFF 4KB SATA Support Registers 0x4A15_1000 0x4A17_FFFF 188KB Reserved 0x4A18_0000 0x4A1A_1FFF 136KB Reserved 0x4A1A_2000 0x4A1A_3FFF 8KB McASP3 Configuration Peripheral Registers 0x4A1A_4000 0x4A1A_4FFF 4KB McASP3 Configuration Support Registers 0x4A1A_5000 0x4A1A_5FFF 4KB McASP3 Data Peripheral Registers 0x4A1A_6000 0x4A1A_6FFF 4KB McASP3 Data Support Registers 0x4A1A_7000 0x4A1A_7FFF 4KB Reserved 0x4A1A_8000 0x4A1A_9FFF 8KB McASP4 Configuration Peripheral Registers 0x4A1A_A000 0x4A1A_AFFF 4KB McASP4 Configuration Support Registers 0x4A1A_B000 0x4A1A_BFFF 4KB McASP4 Data Peripheral Registers 0x4A1A_C000 0x4A1A_CFFF 4KB McASP4 Data Support Registers 0x4A1A_D000 0x4A1A_DFFF 4KB Reserved 0x4A1A_E000 0x4A1A_FFFF 8KB McASP5 Configuration Peripheral Registers 0x4A1B_0000 0x4A1B_0FFF 4KB McASP5 Configuration Support Registers 0x4A1B_1000 0x4A1B_1FFF 4KB McASP5 Data Peripheral Registers 0x4A1B_2000 0x4A1B_2FFF 4KB McASP5 Data Support Registers 0x4A1B_3000 0x4A1B_5FFF 12KB Reserved 0x4A1B_6000 0x4A1B_6FFF 4KB Reserved 0x4A1B_4000 0x4AFF_FFFF 14632KB Reserved 20 Device Overview Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3874 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |