Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 255 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara??ARM Processors
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3874 Datasheet(HTML) 255 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 251Page - Texas Instruments AM3874 Datasheet HTML 252Page - Texas Instruments AM3874 Datasheet HTML 253Page - Texas Instruments AM3874 Datasheet HTML 254Page - Texas Instruments AM3874 Datasheet HTML 255Page - Texas Instruments AM3874 Datasheet HTML 256Page - Texas Instruments AM3874 Datasheet HTML 257Page - Texas Instruments AM3874 Datasheet HTML 258Page - Texas Instruments AM3874 Datasheet HTML 259Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 361 page
background image
AM3874, AM3871
www.ti.com
SPRS695C – SEPTEMBER 2011 – REVISED DECEMBER 2013
8.8.2.3
GPMC/NAND Flash and ELM Interface Timing
Table 8-38. Timing Requirements for GPMC/NAND Flash Interface
(see Figure 8-35)
OPP100/120/166
NO.
UNIT
MIN
MAX
13
tacc(DAT)
Data maximum access time (GPMC_FCLK cycles)
J(1)
cycles
(1)
J = AccessTime * (TimeParaGranularity + 1)
Table 8-39. Switching Characteristics Over Recommended Operating Conditions for GPMC/NAND Flash
Interface
(see Figure 8-33, Figure 8-34, Figure 8-35, Figure 8-36)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
1
tw(nWEV)
Pulse duration, GPMC_WE valid time
A(1)
ns
2
td(nCSV-nWEV)
Delay time, GPMC_CS[X] valid to GPMC_WE valid
B - 2(2)
B + 4(2)
ns
3
td(CLEH-nWEV)
Delay time, GPMC_BE0_CLE high to GPMC_WE valid
C - 2(3)
C + 4(3)
ns
4
td(nWEV-DV)
Delay time, GPMC_D[15:0] valid to GPMC_WE valid
D - 2(4)
D + 4(4)
ns
5
td(nWEIV-DIV)
Delay time, GPMC_WE invalid to GPMC_AD[15:0] invalid
E - 2(5)
E + 4(5)
ns
6
td(nWEIV-CLEIV)
Delay time, GPMC_WE invalid to GPMC_BE0_CLE invalid
F - 2(6)
F + 4(6)
ns
7
td(nWEIV-nCSIV)
Delay time, GPMC_WE invalid to GPMC_CS[X] invalid
G - 2(7)
G + 4(7)
ns
8
td(ALEH-nWEV)
Delay time, GPMC_ADV_ALE High to GPMC_WE valid
C - 2(3)
C + 4(3)
ns
9
td(nWEIV-ALEIV)
Delay time, GPMC_WE invalid to GPMC_ADV_ALE invalid
F - 2(6)
F + 4(6)
ns
10
tc(nWE)
Cycle time, write cycle time
H(8)
ns
11
td(nCSV-nOEV)
Delay time, GPMC_CS[X] valid to GPMC_OE_RE valid
I - 2(9)
I + 4(9)
ns
12
tw(nOEV)
Pulse duration, GPMC_OE_RE valid time
K(10)
ns
13
tc(nOE)
Cycle time, read cycle time
L(11)
ns
14
td(nOEIV-nCSIV)
Delay time, GPMC_OE_RE invalid to GPMC_CS[X] invalid
M - 2(12)
M + 4(12)
ns
(1)
A = (WEOffTime - WEOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2)
= B + nWE Min Delay - nCS Max Delay
B = ((WEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(3)
= C + nWE Min Delay - CLE Max Delay
C = ((WEOnTime - ADVOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - ADVExtraDelay)) * GPMC_FCLK
(4)
= D + nWE Min Delay - Data Max Delay
D = (WEOnTime * (TimeParaGranularity + 1) + 0.5 * WEExtraDelay ) * GPMC_FCLK
(5)
=E + Data Min Delay - nWE Max Delay
E = ((WrCycleTime - WEOffTime) * (TimeParaGranularity + 1) - 0.5 * WEExtraDelay ) * GPMC_FCLK
(6)
= F + CLE Min Delay - nWE Max Delay
F = ((ADVWrOffTime - WEOffTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - WEExtraDelay )) * GPMC_FCLK
(7)
=G + nCS Min Delay - nWE Max Delay
G = ((CSWrOffTime - WEOffTime) * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay - WEExtraDelay )) * GPMC_FCLK
(8)
H = WrCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(9)
= I + nOE Min Delay - nCS Max Delay
I = ((OEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(10) K = (OEOffTime - OEOnTime) * (1 + TimeParaGranularity) * GPMC_FCLK
(11) L = RdCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(12) =M + nCS Min Delay - nOE Max Delay
M = ((CSRdOffTime - OEOffTime) * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay - OEExtraDelay ))* GPMC_FCLK
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
255
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com