Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 30Page - Analog Devices ADP5080 Datasheet HTML 31Page - Analog Devices ADP5080 Datasheet HTML 32Page - Analog Devices ADP5080 Datasheet HTML 33Page - Analog Devices ADP5080 Datasheet HTML 34Page - Analog Devices ADP5080 Datasheet HTML 35Page - Analog Devices ADP5080 Datasheet HTML 36Page - Analog Devices ADP5080 Datasheet HTML 37Page - Analog Devices ADP5080 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ADP5080
Data Sheet
APPLICATIONS INFORMATION
This section provides component and PCB layout guidelines
to ensure optimal device performance, efficiency, stability, and
minimal switching noise and crosstalk.
COMPONENT SELECTION FOR THE BUCK AND
BUCK BOOST REGULATORS
Setting the Output Voltage (Adjustable Mode Channels)
Channel 3, Channel 4, and Channel 6 can be configured for an
adjustable output voltage. Table 9 provides the adjustable output
voltage range for these channels. When any of these channels is
configured for adjustable mode, connect a resistor divider to the
FBx pin between VOUT and GND, as shown in Figure 56.
Figure 56. Feedback Resistors for Adjustable Output
The resistor values can be calculated as follows, where 0.8 V
is the typical FB voltage, and 20 kΩ is a good typical value for
RFB_BOT.
(
)
V
8
.
0
V
8
.
0
_
_
BOT
FB
OUT
TOP
FB
R
V
R
×
−
=
Note that changing the output voltage often requires a change
to the inductor (L) and output capacitor (COUT) values. After the
VOUT value is selected, calculate and test the L and COUT values
(see the Selecting the Inductor section and the Selecting the
Output Capacitor section).
Selecting the Inductor
The required inductor value can be determined by the input and
output voltages, the switching frequency, and the ripple current,
as shown in Equation 1.
IN
OUT
SW
RIPPLE
OUT
IN
V
V
f
I
V
V
L
×
×
−
=
1
(1)
where:
L is the inductor value.
fSW is the switching frequency.
IRIPPLE is a peak-to-peak value for the ripple current.
In general, the recommended ripple current is 30% of the maxi-
mum load current. Therefore, Equation 1 can be rewritten as
follows:
IN
OUT
SW
LOAD
OUT
IN
V
V
f
I
V
V
L
×
×
×
−
=
1
3
.
0
(2)
Note that ripple current varies with input voltage. The typical
input voltage can be used to determine the inductor value.
However, to avoid inductor saturation and current limit, also
calculate the inductor value with the worst-case input voltage
(VIN max).
The maximum rated current of the selected inductor (both rms
current and saturation current) must be greater than the peak
inductor current (IPEAK) at the maximum load current. If the rating
of the inductor is not sufficient, the inductor may saturate due to
inductor value degradation, causing it to reach the current limit,
even in a lower load condition than expected.
The peak current can be estimated using Equation 3.
IPEAK = ILOAD + (IRIPPLE/2)
(3)
If the 30% ripple guideline is followed, typical peak current is
simplified as follows:
IPEAK = (ILOAD + 0.15) × ILOAD = 1.15 × ILOAD
(4)
Another important specification to consider is the parasitic
series resistance in the inductor: dc resistance (DCR). A larger
DCR decreases efficiency, but a larger size inductor typically has
lower DCR. Therefore, the trade-off between available space on
the PCB and device performance must be considered carefully.
Equation 1 to Equation 4 apply to the buck regulators. Although
Channel 6 is a buck boost regulator, the inductor value can be
determined using the buck regulator mode of operation given
that the available step-up ratio in boost mode is relatively small
(4 V at the PVIN6 pin to 5.5 V at the VOUT6 pin) compared to
the available step-down ratio. Therefore, an inductor value selected
for buck regulator mode typically works equally well in boost
regulator mode.
Table 13 lists recommended inductor values for a range of volt-
ages and frequencies. The values provided are based on a wide
operating range and assume the maximum load current for each
channel. In the actual application, larger or smaller values may be
more appropriate. In general, the inductor value can be increased
or decreased by one standard value from the recommended 30%
ripple guideline. A larger inductance provides higher efficiency,
whereas smaller values results in better transient response and
a smaller footprint. Note that inductor values much smaller or
larger than the ones recommended in Table 13 may cause control
loop instability.
It is also important to note that because the current-limit pro-
tection monitors peak or valley current, the selected inductance
affects the load current level at which current limit is triggered.
VOUT
FBx
RFB_TOP
RFB_BOT
Rev. A | Page 34 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com