Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 28Page - Analog Devices ADP5080 Datasheet HTML 29Page - Analog Devices ADP5080 Datasheet HTML 30Page - Analog Devices ADP5080 Datasheet HTML 31Page - Analog Devices ADP5080 Datasheet HTML 32Page - Analog Devices ADP5080 Datasheet HTML 33Page - Analog Devices ADP5080 Datasheet HTML 34Page - Analog Devices ADP5080 Datasheet HTML 35Page - Analog Devices ADP5080 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ADP5080
Data Sheet
Figure 53. Fault Function Logic Diagram
Table 12. Channel 5 Standalone Undervoltage Detection Option
SEL_IND_UV5 Bit
Undervoltage Detected
Output
Any Channel Other
Than Channel 5
Channel 5
0
Yes
Yes
All channels shut down
Yes
No
All channels shut down
No
Yes
All channels shut down
No
No
All channels are operational
1
Yes
Yes
All channels shut down
Yes
No
All channels shut down
No
Yes
Channel 5 shuts down; all other channels are operational
No
No
All channels are operational
UNDERVOLTAGE PROTECTION (UVP)
The ADP5080 incorporates undervoltage protection (UVP) on
Channel 1 to Channel 7. When the output of any channel falls
below 65% of the specified voltage, UVP shuts down all seven
channels by internally resetting the CHx_ON bits in Register 48.
Channel 5 can be configured for standalone undervoltage pro-
tection (see the Channel 5 Standalone Undervoltage Detection
Option section).
UVP Detection Delay
Undervoltage detection includes a debounce delay, which is
configured in Register 23 (see Table 57). The undervoltage
condition is recognized only after it continues for the period
specified by the UV_DLY bits in Register 23 (see Figure 54).
Setting the UV_DLY bits to 11 disables UVP.
Figure 54. Undervoltage Detection Delay
Channel 5 Standalone Undervoltage Detection Option
If desired, undervoltage protection on Channel 5 can be isolated
from UVP on all the other channels. When the SEL_IND_UV5
bit is set high in Register 34, an undervoltage condition on
Channel 5 causes only Channel 5 to be shut down (see Table 12).
If this option is selected, the UV_DLY5 bits in Register 34 can
be used to set a UVP detection delay for Channel 5 only.
PWRG1
PWRG2
PWRG5
PWRG6
PWRG7
D
EN
TIMEOUT
LOGIC
Q
0
1
VBATT_UVLO
R
MASK_PWRG1
MASK_PWRG2
MASK_PWRG3
MASK_PWRG4
MASK_PWRG5
MASK_PWRG6
MASK_PWRG7
PWRG3
CH3_ON
PWRG4
CH4_ON
1
0
1
0
FAULT
VOUT
CHx_ON
(x = 1 TO 7)
UVx
(x = 1 TO 7)
TIME
65%
Δt < UV_DLY
SHUTDOWN
Δt = UV_DLY
Rev. A | Page 32 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com