Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 14Page - Analog Devices ADP5080 Datasheet HTML 15Page - Analog Devices ADP5080 Datasheet HTML 16Page - Analog Devices ADP5080 Datasheet HTML 17Page - Analog Devices ADP5080 Datasheet HTML 18Page - Analog Devices ADP5080 Datasheet HTML 19Page - Analog Devices ADP5080 Datasheet HTML 20Page - Analog Devices ADP5080 Datasheet HTML 21Page - Analog Devices ADP5080 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
ADP5080
Data Sheet
APPLICATION CIRCUIT
Figure 35. Typical Application Circuit
I2C
INTERFACE
KEY
CONTROLLER/
SUB-CPU
VREG2
VREG2
POWER
SWITCH
SCL
SDA
FB4
FB2
PGND4
BST16
SW1A
SW1B
PVIN1
FB1
PGND1
SW3
SW3
FB3
PGND3
PGND3
SW5
SW5
FB5
PGND5
PGND5
VDR12
PGND1
SW6B
SW6B
PGND6
PVIN6
PVIN6
SW6A
VBATT
VOUT6
VDR6
PGND6
VOUT6
SW6A
VBATT
VBATT
VBATT
VBATT
VBATT
VDDIO
VBATT
VREG1
PVIN5
PVIN4
SW4
PVIN5
VREG1
TO VDRx
5.0V
C+
C–
PVINCP
VILDO7
VOLDO7
FREQ
SYNC
BSTCP
FAULT
C+
BST45
VDR5
(VDR12)
(BST45)
VBATT
VREG1
BSTCP
BSTCP
PVIN1
PGND1
BSTCP
PVIN3
PVIN3
(BST23)
(BST16)
VDR34
VREG1
(VDR34)
CLKO
GND
BSTCP
BSTx
GND
EN34
GND
3.3V
PGND6
PGND6
PGND3
PGND5
PGND4
PGND2
FB6
PVINCP
OUTPUT
ENABLE
LOGIC
VOUT1
VOUT3
VOUT2
VOUT5
VOUT4
VOUT6
100kΩ
OPTIONAL
UVLO
PGND2
SW2
SW2
PVIN2
FAULT
BST23
CHANNEL 7
HV LDO
OSCILLATOR
POWER FAULT
DETECTION
CHANNEL 1
BUCK
REGULATOR
CHANNEL 2
BUCK
REGULATOR
CHANNEL 3
BUCK
REGULATOR
CHANNEL 4
BUCK
REGULATOR
CHANNEL 5
BUCK
REGULATOR
DAC
SOFT
START
COMP
DISCHARGE
SWITCH
DAC
DAC
SOFT
START
COMP
DISCHARGE
SWITCH
DAC
SOFT
START
COMP
DISCHARGE
SWITCH
GATE
SCALING
CHANNEL 6
BUCK/
BUCK BOOST
REGULATOR
CHARGE
PUMP
SOFT
START
COMP
DISCHARGE
SWITCH
DAC
SOFT
START
COMP
DISCHARGE
SWITCH
DAC
SOFT
START
COMP
DISCHARGE
SWITCH
UVLO
LDO1
(KEEP-ALIVE)
LDO2
(KEEP-ALIVE)
VDDIO
VDDIO
POR
4.7µF
4.7µF
1µF
10µF
12V
POWER
SEQUENCE
Rev. A | Page 18 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com