Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 25Page - Analog Devices ADP5080 Datasheet HTML 26Page - Analog Devices ADP5080 Datasheet HTML 27Page - Analog Devices ADP5080 Datasheet HTML 28Page - Analog Devices ADP5080 Datasheet HTML 29Page - Analog Devices ADP5080 Datasheet HTML 30Page - Analog Devices ADP5080 Datasheet HTML 31Page - Analog Devices ADP5080 Datasheet HTML 32Page - Analog Devices ADP5080 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Data Sheet
ADP5080
SOFT START FUNCTION
To provide controlled output voltage ramping on startup, the
ADP5080 incorporates soft start control for each dc-to-dc con-
verter. The ramp-up period to reach the target voltage can be
set to 1 ms, 2 ms, 4 ms, or 8 ms using the SSx bit (where x is 1
to 6) in Register 2 or Register 3. The default soft start values
are factory fuse programmed. It is not recommended that the
ADP5080 be started up into a full load condition.
CHANNEL 7: HIGH VOLTAGE LDO REGULATOR
The ADP5080 integrates a high voltage LDO linear regulator,
which allows input voltages up to 25 V (see Figure 47). The
LDO regulator outputs one of four preset regulated voltages
and is capable of providing up to 30 mA.
Figure 47. High Voltage LDO (Channel 7)
Selecting the Output Voltage, Channel 7
The output voltage of Channel 7 is selected from one of the
preset values (12 V, 9 V, 6 V, or 5 V) using the VID7 bits in
Register 16. The default value is factory fuse programmed.
Discharge Switch, Channel 7
Each channel incorporates a discharge switch. For Channel 7,
the discharge switch is located at the VOLDO7 pin. The dis-
charge switch can be turned on when Channel 7 is turned off,
removing the residual charge of the external capacitor via an
internal 1 kΩ resistor. The discharge switch can be enabled by
setting the DSCG7_ON bit in Register 1.
CHARGE PUMP
The ADP5080 includes an integrated charge pump, which
provides power to the high-side switching NMOS FET driver
(see Figure 48). The charge pump raises the voltage applied to
the PVINCP pin by the VDR5 pin voltage, making the voltage
available at the BSTCP pin. In a typical application, the PVINCP
pin is supplied by the battery (VBATT), and the VDR5 pin is
supplied by VREG1 (5 V or 5.5 V). Thus, the output voltage at
the BSTCP pin is VBATT + 5 V or 5.5 V, which is ideal for driving
the high-side FET driver supply pin for each channel, BSTx.
Figure 48. Charge Pump for BSTx Supply
The charge pump requires a minimum VBATT voltage to start
up. In some cases, the start-up threshold, which is 4 V typical,
may be higher than the rising UVLO threshold.
If the BSTCP voltage drops approximately 2.5 V below the
nominal value, the ADP5080 shuts down to prevent abnormal
switching. An OVP or UVP fault is not indicated in this case.
Charge Pump Switching Frequency
The internal clock source generates either 2.0 MHz or 1.5 MHz,
as set by the SEL_FSW bit in Register 18. This master frequency
is further divided by 1/2, 1/4, 1/8, or 1/16 by the FREQ_CP bits
in Register 19 (see Table 53). If the master clock frequency is set
to 2.0 MHz, the charge pump switching clock frequency can be
1.0 MHz, 500 kHz, 250 kHz, or 125 kHz. If the master frequency
is set to 1.5 MHz, the charge pump switching clock frequency can
be 750 kHz, 375 kHz, 188 kHz, or 94 kHz. Typically, a setting of
1/4 in 1.5 MHz operation or 1/8 in 2 MHz operation is recom-
mended for the best efficiency. Lower settings may not provide
enough boost voltage when all channels are operating at load.
If an external clock is used, the charge pump frequency can be set
to 1/4 or 1/8 of the external frequency using the FREQ_CP bits.
Charge pump efficiency is slightly affected by the duty cycle of the
external clock; a 50% duty cycle is the optimal point of operation.
Capacitor Selection
A 1 µF capacitor is used for each charge pump capacitor (CFLY
and COUT; see Figure 48). The voltage rating of these capacitors
must be adequate for the charge-up voltage, that is, the PVINCP
pin voltage across CFLY and the VDR5 pin voltage across COUT.
Protection Diode
It is strongly recommended that a protection diode be mounted
as shown in Figure 48 to avoid problems during power-up while
the BSTCP voltage is charging. Use a Schottky diode that can
withstand a 1 A peak current.
PROGRAMMABLE
SOFT START
POWER-GOOD
COMPARATOR
UVP
VREF
SEQUENCER
DISCHARGE
SWITCH
ADP5080
CURRENT
LIMIT
CURRENT
DETECTION
AGND
VILDO7
VOLDO7
UP TO
25V
5V TO 12V
AGND
C+
C–
PGND5
PVINCP
BSTCP
VDR5
CLOCK
CFLY
1µF
COUT
1µF
OUTPUT
VVBATT + VVDR5
VBATT
BSTx
Rev. A | Page 29 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com