Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 29Page - Analog Devices ADP5080 Datasheet HTML 30Page - Analog Devices ADP5080 Datasheet HTML 31Page - Analog Devices ADP5080 Datasheet HTML 32Page - Analog Devices ADP5080 Datasheet HTML 33Page - Analog Devices ADP5080 Datasheet HTML 34Page - Analog Devices ADP5080 Datasheet HTML 35Page - Analog Devices ADP5080 Datasheet HTML 36Page - Analog Devices ADP5080 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Data Sheet
ADP5080
Recovering from UVP
After the cause of the undervoltage condition is removed, the
outputs can be recovered by toggling EN from low to high. If
standalone Channel 5 undervoltage shutdown is enabled (by
setting the SEL_IND_UV5 bit in Register 34), Channel 5 can
be recovered by setting the CH5_ON bit in Register 48 to 1.
The undervoltage status of a channel is stored in the UVPST
register (Register 26) after shutdown and can be read back from
the UVx bit in Register 26. The UVx bit is cleared by writing a
1 to it.
OVERVOLTAGE PROTECTION (OVP)
The ADP5080 incorporates overvoltage protection (OVP)
on Channel 1 to Channel 6. When the output of any of these
channels rises above 125% of the specified voltage, OVP shuts
down all six channels by internally resetting the CHx_ON bits
in Register 48.
OVP Detection Delay
Overvoltage detection includes a debounce delay, which is
configured in Register 23 (see Table 57). The overvoltage
condition is recognized only after it continues for the period
specified by the OV_DLY bits in Register 23 (see Figure 55).
Setting the OV_DLY bits to 11 disables OVP.
Recovering from OVP
After the cause of the overvoltage condition is removed, the
outputs can be recovered by toggling EN from low to high.
The overvoltage status of a channel is stored in the OVPST
register (Register 27) after shutdown and can be read back
from the OVx bit in Register 27. The OVx bit is cleared by
writing a 1 to it.
Figure 55. Overvoltage Detection Delay
VOUT
CHx_ON
(x = 1 TO 6)
OVx
(x = 1 TO 6)
TIME
125%
Δt < OV_DLY
SHUTDOWN
Δt = OV_DLY
Rev. A | Page 33 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com