Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 32Page - Analog Devices ADP5080 Datasheet HTML 33Page - Analog Devices ADP5080 Datasheet HTML 34Page - Analog Devices ADP5080 Datasheet HTML 35Page - Analog Devices ADP5080 Datasheet HTML 36Page - Analog Devices ADP5080 Datasheet HTML 37Page - Analog Devices ADP5080 Datasheet HTML 38Page - Analog Devices ADP5080 Datasheet HTML 39Page - Analog Devices ADP5080 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
ADP5080
Data Sheet
Table 14. Minimum Recommended Output Capacitors
Channel
Output Capacitor (µF)
1
44
2
44
3
44
4
33
5
44
6
44
Ceramic capacitors are manufactured with a variety of dielectrics,
each with different behavior over temperature and applied voltage.
Capacitors must have a dielectric that is adequate to ensure the
minimum capacitance over the necessary temperature range and
dc bias conditions. X5R or X7R dielectrics with a voltage rating
of at least 2 × VOUT are recommended for best performance.
The peak-to-peak output voltage ripple for the selected output
capacitor and inductor values is calculated using Equation 5.
VRIPPLE =
OUT
SW
RIPPLE
OUT
SW
IN
C
f
I
C
L
f
V
×
×
=
×
×
×
×
π
8
2
)
2
(
(5)
High ESR capacitors are not recommended because they increase
output ripple and can cause loop instability. Equation 5 assumes
ceramic capacitors and does not include ESR.
For optimal performance, place output capacitors to minimize
PCB parasitics. Connect capacitor pads directly to the output
and GND power paths, not via separate traces. For purposes of
high frequency noise reduction, it can be beneficial to use multiple
capacitors in parallel instead of a single high value capacitor.
Because Channel 6 operates in buck boost mode, the output
capacitors see large switching currents. Therefore, placement of
the output capacitors requires additional attention. Make sure
to place the output capacitors as close as possible to the VOUT6
and PGND6 pins of Channel 6.
COMPONENT SELECTION FOR THE LDO
REGULATORS
Selecting the Capacitors
Use low ESR capacitors for all LDO input and output capacitors.
Lower ESR reduces the output impedance and ripple voltage.
High ESR capacitors are not recommended due to ripple and
stability of the LDO control loop. Therefore, it is recommended
that surface-mount ceramic capacitors be used. The X5R and
X7R type of capacitor is preferable for adequate performance.
Use an output capacitor with a value from 2.2 µF to 10 µF
for VREG2. Values of 4.7 µF to 10 µF are recommended for
VREG1; 4.7 µF is the minimum requirement for stability.
For the Channel 7 high voltage LDO regulator, the minimum
required output capacitor value for the VOLDO7 pin is 1 µF.
Because Channel 7 is a high voltage output, make sure to account
for capacitor bias voltage derating. If the charge pump doubler
circuit is used as the input supply to Channel 7, the maximum
recommended value for the Channel 7 output capacitor is 3.3 µF.
This is to prevent overloading the charge pump during startup.
PCB LAYOUT RECOMMENDATIONS
Proper printed circuit board (PCB) layout is essential for optimal
device performance and thermal dissipation, and to minimize
switching noise and electromagnetic interference (EMI). A few
key layout guidelines are provided in the following sections.
Sensitive Signal Treatment
It is important to isolate sensitive signal traces from noisy
switching traces. The FBx pins and the FREQ pin are sensitive
to noise coupling and should be routed away from noise sources.
Any node with high dV/dt—such as SWx, BSTx, and SCL—is
considered a noise source.
Additional noisy circuit areas to avoid are the main areas of high
switching current: primarily the input capacitors and PGNDx
connections. Finally, do not route sensitive nodes below or near
the inductors. If a sensitive signal trace must cross a noisy source,
it is recommended that at least one PCB ground layer be placed
between these signal traces as a shield.
Grounding
It is recommended that the analog ground (AGND) and power
ground (PGND) planes be separated. The AGND plane is used
for the device reference voltage; therefore, it should be as quiet as
possible and not used as a current path. The PGND plane serves
as the current return path for the regulators. PGND can be very
noisy due to the flow of current, as well as the presence of switch-
ing noise. Therefore, care must be taken with the connection
of the AGND and PGND planes so that currents flowing in the
PGND plane do not intrude on the AGND region. Connect the
AGND and PGND planes at a single point, preferably at the device.
The PGNDx nodes are part of the regulation loop for each
switching regulator and carry fast switching currents. Therefore,
it is critical that the PGNDx regions for each switching regulator
be separated and connected to the PGND plane at the output
capacitor ground. This prevents interference from adjacent
channels and helps contain switching noise. Multiple vias are
recommended for the connection between the PGNDx regions
and the PGND plane.
To improve thermal performance and noise immunity, each
AGND or PGND layer should have as much copper coverage
as possible.
Rev. A | Page 36 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com