Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 20Page - Analog Devices ADP5080 Datasheet HTML 21Page - Analog Devices ADP5080 Datasheet HTML 22Page - Analog Devices ADP5080 Datasheet HTML 23Page - Analog Devices ADP5080 Datasheet HTML 24Page - Analog Devices ADP5080 Datasheet HTML 25Page - Analog Devices ADP5080 Datasheet HTML 26Page - Analog Devices ADP5080 Datasheet HTML 27Page - Analog Devices ADP5080 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
ADP5080
Data Sheet
Channel 4 and Channel 5: Current Mode Buck Regulators
Channel 4 and Channel 5 are internally compensated current
mode control buck regulators (see Figure 41). Combined with
the integrated charge pump, these channels are designed to
operate at high duty cycles up to 100%.
Selecting the Output Voltage, Channel 4 and Channel 5
The output voltage of Channel 4 or Channel 5 is selected from
one of the preset values available in the VIDx bits, where x is 4
or 5 (see Table 43). The default output voltage value is factory
fuse programmed.
Channel 4 has an adjustable mode option that can be selected
using the VID4 bits. When the adjustable output voltage mode
is selected, the output voltage is set by an external feedback
resistor divider. Select resistor values such that the desired output
voltage is divided down to 0.8 V and the paralleled resistance
seen from the dividing node does not exceed 25 kΩ (see the
Setting the Output Voltage (Adjustable Mode Channels) section).
When using the adjustable mode for Channel 4, be aware of the
minimum on time restriction, which may limit the range of
available output voltages.
Channel 4 and Channel 5 are designed for very high duty cycle
operation. However, at very low duty cycle, these channels have
a limited range due to the minimum on time restriction (75 ns
typical) inherent in current mode control. The maximum input
voltage capability for a given output voltage can be determined
using the following equation:
VIN_MAX = VOUT/(tON_MIN × fSW)
If the input voltage rises above this level, the output voltage
continues to be regulated; however, switching pulses are skipped,
which may increase output voltage ripple.
Figure 41. Buck Regulator Block Diagram: Channel 4 and Channel 5
PVINx
SWx
PGNDx
FBx
PGND
PGNDx
4V TO 15V
POWER-GOOD
COMPARATOR
SOFT START
FB5
SW4
ERROR AMP
VREF
PWM
COMPARATOR
PGNDx
CURRENT
SENSE AMP
BSTx
VDRx
VREG1
PGNDx
OVP
UVP
OCP
SEQUENCER
RS
LATCH
R
S
PSM LOGIC
ZERO CROSS
COMPARATOR
DISCHARGE
SWITCH
BSTCP
CURRENT
LIMIT
OCP
SLOPE
COMPENSATION
CLOCK
OUTPUT
VOLTAGE
OUTPUT
VOLTAGE
FB4
0.8V
EXTERNAL
VOLTAGE DIVIDER
(CH4 ADJ MODE ONLY)
ADP5080
Rev. A | Page 24 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com