Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 56Page - Analog Devices ADP5080 Datasheet HTML 57Page - Analog Devices ADP5080 Datasheet HTML 58Page - Analog Devices ADP5080 Datasheet HTML 59Page - Analog Devices ADP5080 Datasheet HTML 60Page - Analog Devices ADP5080 Datasheet HTML 61Page - Analog Devices ADP5080 Datasheet HTML 62Page - Analog Devices ADP5080 Datasheet HTML 63Page - Analog Devices ADP5080 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Data Sheet
ADP5080
OUTLINE DIMENSIONS
Figure 60. 72-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-72-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5080ACBZ-1-RL
−25°C to +85°C
72-Ball Wafer Level Chip Scale Package [WLCSP], 0.5 mm Pitch
CB-72-2
1
Z = RoHS Compliant Part.
A
B
C
D
E
F
G
H
0.660
0.600
0.540
4.50
4.46
4.42
4.00
3.96
3.92
1
2
3
4
5
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.270
0.240
0.210
0.390
0.360
0.330
0.360
0.320
0.280
3.50 REF
4.00 REF
0.50
BALL PITCH
BALL A1
IDENTIFIER
6
7
8
9
COPLANARITY
0.05
SEATING
PLANE
Rev. A | Page 63 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com