Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 33Page - Analog Devices ADP5080 Datasheet HTML 34Page - Analog Devices ADP5080 Datasheet HTML 35Page - Analog Devices ADP5080 Datasheet HTML 36Page - Analog Devices ADP5080 Datasheet HTML 37Page - Analog Devices ADP5080 Datasheet HTML 38Page - Analog Devices ADP5080 Datasheet HTML 39Page - Analog Devices ADP5080 Datasheet HTML 40Page - Analog Devices ADP5080 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Data Sheet
ADP5080
External Component Placement and Signal Routing
The majority of the critical switching regulator pins are located
on the outer bumps of the device, making it easier to lay out and
connect to the external components. In general, make traces that
handle large current as wide and short as possible. This consid-
eration applies to the traces for PVINx, SWxA, SWxB, SWx,
PGNDx, and VOUT6.
Make traces that handle switching currents as short as possible.
These critical areas are PVINx, SW6B, VOUT6, and PGNDx.
Reducing the trace length on these nodes helps mitigate noise
coupling. For these connections, avoid using vias because they
add parasitic inductance in the current path. If vias are required
due to routing restrictions, place multiple vias in parallel.
For the buck regulators, the input capacitor has placement
priority. Place the input capacitor as close as possible to the PVINx
and PGNDx pins with wide trace connections. For Channel 6, the
critical component connections are the input capacitor and the
output capacitor. Connect these components as close as possible
to the PVIN6, VOUT6, and PGND6 pins.
For all channels, keep the SWx pin to inductor connection as
short as possible to minimize capacitive coupling. Because the
SWx nodes carry high current, the traces must be wide enough
to handle it.
THERMAL CONSIDERATIONS
The ADP5080 is a high efficiency power converter. However, in
applications with heavy loads at high ambient temperature (TA),
the heat dissipated on the device may exceed the maximum
junction temperature of 125°C. If the junction temperature (TJ)
exceeds 165°C, the ADP5080 enters thermal shutdown (TSD),
and all outputs are disabled. When the junction temperature
falls below approximately 150°C, TSD is cleared. After a TSD
event, the ADP5080 does not restart automatically, but must be
reenabled with the EN pin.
The junction temperature can be calculated using Equation 6.
TJ = TA + TR
(6)
where TR is the rise in junction temperature of the device due
to power dissipation.
The rise in junction temperature is directly proportional to the
power dissipation in the device, as shown in Equation 7.
TR = PDLOSS × θJA
(7)
where:
PDLOSS is the power dissipation in the ADP5080.
θJA is the junction-to-ambient thermal resistance of the package
mounted on a PCB.
The θJA value provided in Table 7 is for a JEDEC standard board.
However, this value is only a benchmark and does not necessarily
correlate to the thermal performance of a real-world PCB.
The thermal performance of the WLCSP package itself is given
by the θJB value (see Table 7). This value is the thermal resistance
from junction to solder ball and varies little with PCB design.
To determine the junction temperature, it is recommended that
the ADP5080 case temperature be measured under worst-case
conditions. The case temperature (TC) is defined as the temper-
ature on the top surface of the device and can be calculated using
Equation 8.
TC = TA + PDLOSS × (θJA − θJC)
(8)
where:
θJC is the junction-to-case thermal resistance of the package,
which is 0.2°C/W.
Because θJC is very low, it can be seen from Equation 9 that the
measured value of TC is a good approximation of TJ.
TJ = TC + TR = TC + PDLOSS × θJC ≈ TC
(9)
The estimated junction temperature or measured case tempera-
ture in worst-case conditions must be less than the maximum
junction temperature of 125°C.
Rev. A | Page 37 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com