Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 52Page - Analog Devices ADP5080 Datasheet HTML 53Page - Analog Devices ADP5080 Datasheet HTML 54Page - Analog Devices ADP5080 Datasheet HTML 55Page - Analog Devices ADP5080 Datasheet HTML 56Page - Analog Devices ADP5080 Datasheet HTML 57Page - Analog Devices ADP5080 Datasheet HTML 58Page - Analog Devices ADP5080 Datasheet HTML 59Page - Analog Devices ADP5080 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
ADP5080
Data Sheet
Register 29: SEQ_MODE (Sequencer Mode), Address 0x1D
Register 29 selects the power-up/power-down control mode for Channel 1 to Channel 7: I2C control (manual) mode or sequencer mode
(for more information, see the Enabling and Disabling the Output Channels section). The default values are defined by the fuse option.
Table 68. Register 29 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MODE_EN7
MODE_EN6
MODE_EN5
MODE_EN4
MODE_EN3
MODE_EN2
MODE_EN1
Table 69. SEQ_MODE Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
6
MODE_EN7
R/W
This bit sets the power-up/power-down control mode for Channel 7.
0 = I2C control mode.
1 = sequencer mode.
5
MODE_EN6
R/W
This bit sets the power-up/power-down control mode for Channel 6.
0 = I2C control mode.
1 = sequencer mode.
4
MODE_EN5
R/W
This bit sets the power-up/power-down control mode for Channel 5.
0 = I2C control mode.
1 = sequencer mode.
3
MODE_EN4
R/W
This bit sets the power-up/power-down control mode for Channel 4.
0 = I2C control mode.
1 = sequencer mode.
2
MODE_EN3
R/W
This bit sets the power-up/power-down control mode for Channel 3.
0 = I2C control mode.
1 = sequencer mode.
1
MODE_EN2
R/W
This bit sets the power-up/power-down control mode for Channel 2.
0 = I2C control mode.
1 = sequencer mode.
0
MODE_EN1
R/W
This bit sets the power-up/power-down control mode for Channel 1.
0 = I2C control mode.
1 = sequencer mode.
Register 30: ADJ_BST_VTH6 (Adjust Boost Kick-In Threshold and Regulation Mode for Channel 6), Address 0x1E
Register 30 sets the regulation mode for Channel 6 (buck boost or buck only) and adjusts the threshold of the boost regulator kick-in
point when Channel 6 is configured for buck boost regulation mode (for more information, see the Channel 6: Buck or Buck Boost
Regulator section). The default values are defined by the fuse option.
Table 70. Register 30 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BUCK6_ONLY
BOOST6_VTH
Table 71. ADJ_BST_VTH6 Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
4
BUCK6_ONLY
R/W
This bit sets the regulation mode for Channel 6.
0 = buck boost mode.
1 = buck regulation only mode.
[1:0]
BOOST6_VTH
R/W
These bits set the input threshold voltage for the boost FETs.
00 = VOUT6/0.82.
01 = VOUT6/0.79.
10 = VOUT6/0.77.
11 = VOUT6/0.85.
Rev. A | Page 56 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com