Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 26Page - Analog Devices ADP5080 Datasheet HTML 27Page - Analog Devices ADP5080 Datasheet HTML 28Page - Analog Devices ADP5080 Datasheet HTML 29Page - Analog Devices ADP5080 Datasheet HTML 30Page - Analog Devices ADP5080 Datasheet HTML 31Page - Analog Devices ADP5080 Datasheet HTML 32Page - Analog Devices ADP5080 Datasheet HTML 33Page - Analog Devices ADP5080 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
ADP5080
Data Sheet
Using the Charge Pump as the Channel 7 Input Supply
The charge pump can also be used to generate a high voltage for
the Channel 7 input. This configuration is enabled by adding the
circuit shown in Figure 49 in parallel with the BSTx generating
circuit shown in Figure 48.
Figure 49. Charge Pump Used as a High Voltage Supply for Channel 7
The circuit shown in Figure 49 generates VILDO7 with the
voltage VPVINCP + 2 × VVDR5. In a typical application, this voltage
is equivalent to VVBATT + 10 V to 11 V (PVINCP = VBATT;
VDR5 = VREG1 = 5.5 V or 5 V).
ENABLING AND DISABLING THE OUTPUT
CHANNELS
Each channel (Channel 1 to Channel 7) can be turned on and
off using the sequencer mode or the manual mode. A channel
configured for sequencer mode is automatically turned on and
off by assertion and deassertion of the EN pin, with individually
programmed delay times. A channel configured for manual mode
does not automatically start when EN goes high, but can be turned
on or off via I2C control, as required.
Sequencer Mode
When the MODE_ENx bit (x is 1 to 7) is set in Register 29, the
specified channel turns on and off under the control of the internal
sequencer, which is triggered by the EN pin (see Figure 50).
When the EN pin goes high, each channel controlled by the
sequencer begins a soft start after the delay time specified by the
EN_DLYx bits (see Table 23, Table 25, Table 27, and Table 29).
Similarly, when the EN pin goes low, the channel turns off after
the delay time specified by the DIS_DLYx bits (see Table 31,
Table 33, Table 35, and Table 37).
Note that Figure 50 shows the logical states of each channel; it
does not show soft start and discharge ramps. The disable delay
time for all channels can be increased to four times its configured
value by setting the DIS_DLY_EXTEND bit in Register 35.
When all channels controlled by the sequencer are turned
on, each channel can be manually turned off or on using the
CHx_ON bit (x is 1 to 7) in Register 48. When the CHx_ON
bit is used to turn a channel on or off, the enable state of the
channel changes immediately, regardless of the settings of the
EN_DLYx and DIS_DLYx bits.
When using the sequencer mode, note the following:
•
A channel that is controlled by the sequencer cannot be
turned off manually until after the sequencer turns on all the
channels that it controls and the soft start period has ended.
This ready state can be identified by reading the PWRGx
bits (x is 1 to 7) in Register 24.
•
After the EN pin is asserted, writing to the VIDx bits is
forbidden while the internal sequencer is in operation to
prevent unexpected behavior. The internal sequencer is in
operation from the assertion of the EN pin until the PWRGx
bits in Register 24 go high.
Manual Mode
When the MODE_ENx bit (x is 1 to 7) is cleared in Register 29,
the specified channel turns on and off under I2C control. All
channels that are not configured for sequencer mode can be
manually turned on or off using the CHx_ON bits (x is 1 to 7)
in the PCTRL register (Register 48). Writing 1 to the CHx_ON
bit enables the channel only when the EN pin is logic high.
When the EN pin is taken low, all channels configured for
manual mode turn off immediately, and all the CHx_ON bits
are reset to 0. While the EN pin is low, any data written to or
read from the CHx_ON bits is not valid.
Figure 50. Example Power-Up/Power-Down Sequence Using Sequencer Mode
1µF
VILDO7
VPVINCP + 2VVDR5
BSTCP
C+
PVINCP
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
CHANNEL 7
tDIS_DLY1
EN
ON
ON
ON
ON
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
tDIS_DLY2
tDIS_DLY3
tDIS_DLY4
tDIS_DLY5
tDIS_DLY6
tDIS_DLY7
tEN_DLY1
tEN_DLY2
tEN_DLY3
tEN_DLY4
tEN_DLY5
tEN_DLY6
tEN_DLY7
Rev. A | Page 30 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com