Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 3 Page - Analog Devices

  ADP5080 Datasheet HTML 1Page - Analog Devices ADP5080 Datasheet HTML 2Page - Analog Devices ADP5080 Datasheet HTML 3Page - Analog Devices ADP5080 Datasheet HTML 4Page - Analog Devices ADP5080 Datasheet HTML 5Page - Analog Devices ADP5080 Datasheet HTML 6Page - Analog Devices ADP5080 Datasheet HTML 7Page - Analog Devices ADP5080 Datasheet HTML 8Page - Analog Devices ADP5080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Data Sheet
ADP5080
SPECIFICATIONS
TJ = 25°C, VVBATT = 7.2 V, VVREG1 = VVDRx = 5 V, VVREG2 = VVDDIO = 3.3 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VBATT
VVBATT
4.0
15
V
Applies to PVIN1, PVIN2, PVIN3,
PVIN4, PVIN5, and PVIN6
VILDO7
VVILDO7
5
25
V
VDDIO
VVDDIO
1.6
3.6
V
QUIESCENT CURRENT
Operating Quiescent Current
IQ (VIN)
8
11
mA
All channels on, nonswitching
VDDIO
IQ (VDDIO_OP)
0.2
µA
VVDDIO = VSCL = VSDA = 3.3 V
Standby Current
IQ(VBATT_STNBY1)
12
20
µA
Includes LDO1 and LDO2, EN low
IQ(VBATT_STNBY2)
1.25
mA
All channels off, EN high,
SEL_FSW = 1, FREQ_CP = 01
UNDERVOLTAGE LOCKOUT
UVLO
UVLO Rising Threshold
VUVLO (R)
3.45
3.7
3.85
V
At PVIN1
UVLO Falling Threshold
VUVLO (F)
3.45
3.55
V
At PVIN1
VBATT UVLO Threshold
VUVLO (BATT)
3.3
V
At VBATT, falling
Reset Threshold
VUVLO (POR)
2.4
V
At VREG2, falling
OSCILLATOR CIRCUIT
Switching Frequency
fSW
1.98
2.0
2.02
MHz
ROSC = 100 kΩ, SEL_FSW = 0
1.48
1.5
1.52
MHz
ROSC = 100 kΩ, SEL_FSW = 1
SYNC Pin, Input Clock
Frequency Range
fSYNC
0.5
2.0
MHz
ROSC = 100 kΩ
Minimum On Pulse Width
tSYNC_MIN_ON
100
ns
Minimum Off Pulse Width
tSYNC_MIN_OFF
100
ns
High Logic
VH (SYNC)
0.8 × VVREG2
V
VVREG2 = 3.3 V, −25°C ≤ TJ ≤ +85°C
Low Logic
VL (SYNC)
0.3 × VVREG2
V
VVREG2 = 3.3 V, −25°C ≤ TJ ≤ +85°C
LOGIC INPUTS
EN Pin
High Level Threshold
VIH (EN)
2.15
V
VVREG2 = 3.3 V, −25°C ≤ TJ ≤ +85°C
Low Level Threshold
VIL (EN)
1.45
V
VVREG2 = 3.3 V, −25°C ≤ TJ ≤ +85°C
EN34 Pin
High Level Threshold
VIH (EN34)
1.25
V
VVREG2 = 3.3 V, −25°C ≤ TJ ≤ +85°C
Low Level Threshold
VIL (EN34)
0.70
V
VVREG2 = 3.3 V, −25°C ≤ TJ ≤ +85°C
SCL and SDA Pins
High Level Threshold
VIH (I2C)
0.75 × VVDDIO
V
VVDDIO = 3.3 V, −25°C ≤ TJ ≤ +85°C
Low Level Threshold
VIL (I2C)
0.3 × VVDDIO
V
VVDDIO = 3.3 V, −25°C ≤ TJ ≤ +85°C
LOGIC OUTPUTS
SDA Pin
Low Level Output Voltage
VOL (SDA)
0.4
V
3.0 mA sink current, −25°C ≤ TJ ≤
+85°C
Leakage Current
ILEAK (SDA)
10
nA
VSDA = 3.3 V
CLKO Pin
High Level Output Voltage
VOH (CLKO)
VVREG2 − 0.4
V
3.0 mA sink current, −25°C ≤ TJ ≤
+85°C
Low Level Output Voltage
VOL (CLKO)
0.4
V
3.0 mA sink current, −25°C ≤ TJ ≤
+85°C
FAULT Pin
Low Level Output Voltage
VOL (
FAULT)
0.4
V
3.0 mA source current, −25°C ≤
TJ ≤ +85°C
Leakage Current
ILEAK (
FAULT)
10
nA
V
FAULT = 3.3 V
Rev. A | Page 3 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com