Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 51Page - Analog Devices ADP5080 Datasheet HTML 52Page - Analog Devices ADP5080 Datasheet HTML 53Page - Analog Devices ADP5080 Datasheet HTML 54Page - Analog Devices ADP5080 Datasheet HTML 55Page - Analog Devices ADP5080 Datasheet HTML 56Page - Analog Devices ADP5080 Datasheet HTML 57Page - Analog Devices ADP5080 Datasheet HTML 58Page - Analog Devices ADP5080 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Data Sheet
ADP5080
Register 27: OVPST (Overvoltage Protection Status), Address 0x1B
Register 27 indicates the status of the overvoltage protection on Channel 1 to Channel 6. To clear any bit in this register, write a 1 to the bit.
Table 64. Register 27 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OV6
OV5
OV4
OV3
OV2
OV1
Table 65. OVPST Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
5
OV6
Read/
self-clear
0 = no overvoltage condition detected on Channel 6 (default).
1 = overvoltage condition detected on Channel 6.
4
OV5
Read/
self-clear
0 = no overvoltage condition detected on Channel 5 (default).
1 = overvoltage condition detected on Channel 5.
3
OV4
Read/
self-clear
0 = no overvoltage condition detected on Channel 4 (default).
1 = overvoltage condition detected on Channel 4.
2
OV3
Read/
self-clear
0 = no overvoltage condition detected on Channel 3 (default).
1 = overvoltage condition detected on Channel 3.
1
OV2
Read/
self-clear
0 = no overvoltage condition detected on Channel 2 (default).
1 = overvoltage condition detected on Channel 2.
0
OV1
Read/
self-clear
0 = no overvoltage condition detected on Channel 1 (default).
1 = overvoltage condition detected on Channel 1.
Register 28: AUTO-PSM (Auto PSM or Forced PWM Mode for Channel 1 to Channel 6), Address 0x1C
Register 28 configures Channel 1 to Channel 6 for either forced PWM operation or automatic PWM/PSM operation. The default values
are defined by the fuse option.
Table 66. Register 28 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTO-PSM6
AUTO-PSM5
AUTO-PSM4
AUTO-PSM3
AUTO-PSM2
AUTO-PSM1
Table 67. AUTO-PSM Register, Bit Function Descriptions
Bits
Bit Name
Access
Description
5
AUTO-PSM6
R/W
0 = enable forced PWM mode for Channel 6.
1 = enable automatic PWM/PSM mode for Channel 6.
4
AUTO-PSM5
R/W
0 = enable forced PWM mode for Channel 5.
1 = enable automatic PWM/PSM mode for Channel 5.
3
AUTO-PSM4
R/W
0 = enable forced PWM mode for Channel 4.
1 = enable automatic PWM/PSM mode for Channel 4.
2
AUTO-PSM3
R/W
0 = enable forced PWM mode for Channel 3.
1 = enable automatic PWM/PSM mode for Channel 3.
1
AUTO-PSM2
R/W
0 = enable forced PWM mode for Channel 2.
1 = enable automatic PWM/PSM mode for Channel 2.
0
AUTO-PSM1
R/W
0 = enable forced PWM mode for Channel 1.
1 = enable automatic PWM/PSM mode for Channel 1.
Rev. A | Page 55 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com