Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 41Page - Analog Devices ADP5080 Datasheet HTML 42Page - Analog Devices ADP5080 Datasheet HTML 43Page - Analog Devices ADP5080 Datasheet HTML 44Page - Analog Devices ADP5080 Datasheet HTML 45Page - Analog Devices ADP5080 Datasheet HTML 46Page - Analog Devices ADP5080 Datasheet HTML 47Page - Analog Devices ADP5080 Datasheet HTML 48Page - Analog Devices ADP5080 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Data Sheet
ADP5080
Register 9: DIS_DLY34 (Disable Delay Time for Channel 3 and Channel 4), Address 0x09
Register 9 sets the disable delay time for Channel 3 and Channel 4. The disable delay depends on the setting of the DIS_DLY_EXTEND
bit in Register 35 (Bit 2 in Address 0x23). The default values are defined by the fuse option.
Table 32. Register 9 Bit Assignments
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DIS_DLY4
DIS_DLY3
Table 33. DIS_DLY34 Register, Bit Function Descriptions
Bits
Bit Name
R/W
Description
[6:4]
DIS_DLY4
R/W
These bits set the disable delay time for Channel 4.
Bits[6:4]
DIS_DLY_EXTEND = 0
DIS_DLY_EXTEND = 1
000
0 ms
0 ms
001
4 ms
16 ms
010
8 ms
32 ms
011
12 ms
48 ms
100
16 ms
64 ms
101
20 ms
80 ms
110
24 ms
96 ms
111
28 ms
112 ms
[2:0]
DIS_DLY3
R/W
These bits set the disable delay time for Channel 3.
Bits[2:0]
DIS_DLY_EXTEND = 0
DIS_DLY_EXTEND = 1
000
0 ms
0 ms
001
4 ms
16 ms
010
8 ms
32 ms
011
12 ms
48 ms
100
16 ms
64 ms
101
20 ms
80 ms
110
24 ms
96 ms
111
28 ms
112 ms
Rev. A | Page 45 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com