Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 36Page - Analog Devices ADP5080 Datasheet HTML 37Page - Analog Devices ADP5080 Datasheet HTML 38Page - Analog Devices ADP5080 Datasheet HTML 39Page - Analog Devices ADP5080 Datasheet HTML 40Page - Analog Devices ADP5080 Datasheet HTML 41Page - Analog Devices ADP5080 Datasheet HTML 42Page - Analog Devices ADP5080 Datasheet HTML 43Page - Analog Devices ADP5080 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ADP5080
Data Sheet
CONTROL REGISTER INFORMATION
CONTROL REGISTER MAP
Table 15 lists all control registers for the ADP5080. Any bits shown as blank are reserved.
Table 15. Control Register Map
Register
Address
Register
Name
Reg.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0x00
Reserved
Reserved
1
0x01
DSCG
DSCG7_ON DSCG6_ON
DSCG5_ON
DSCG4_ON
DSCG3_ON DSCG2_ON DSCG1_ON
2
0x02
SFTTIM1234
SS4[1:0]
SS3[1:0]
SS2[1:0]
SS1[1:0]
3
0x03
SFTTIM567
SS7
SS6[1:0]
SS5[1:0]
4
0x04
EN_DLY12
EN_DLY2[2:0]
EN_DLY1[2:0]
5
0x05
EN_DLY34
EN_DLY4[2:0]
EN_DLY3[2:0]
6
0x06
EN_DLY56
EN_DLY6[2:0]
EN_DLY5[2:0]
7
0x07
EN_DLY7
EN_DLY7[2:0]
8
0x08
DIS_DLY12
DIS_DLY2[2:0]
DIS_DLY1[2:0]
9
0x09
DIS_DLY34
DIS_DLY4[2:0]
DIS_DLY3[2:0]
10
0x0A
DIS_DLY56
DIS_DLY6[2:0]
DIS_DLY5[2:0]
11
0x0B
DIS_DLY7
DIS_DLY7[2:0]
12
0x0C
VID1
VID1[4:0]
13
0x0D
VID23
VID3[2:0]
VID2[3:0]
14
0x0E
VID45
VID5[2:0]
VID4[2:0]
15
0x0F
VID6
VID6[3:0]
16
0x10
VID7_LDO12
VID_LDO2[1:0]
VID_LDO1
VID7[1:0]
17
0x11
DVS12
DVS2_INTVL DVS1_INTVL
EN_DVS2
EN_DVS1
18
0x12
SEL_FREQ
SEL_FSW
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
19
0x13
SEL_FREQ_CP
EN_CLKO
FREQ_CP[1:0]
20
0x14
SEL_PHASE
PHASE6
PHASE5
PHASE4
PHASE3
PHASE2
PHASE1
23
0x17
PROT_DLY
UV_DLY[1:0]
OV_DLY[1:0]
24
0x18
PWRG
EN
PWRG7
PWRG6
PWRG5
PWRG4
PWRG3
PWRG2
PWRG1
25
0x19
MASK_PWRG
MASK_
PWRG7
MASK_
PWRG6
MASK_
PWRG5
MASK_
PWRG4
MASK_
PWRG3
MASK_
PWRG2
MASK_
PWRG1
26
0x1A
UVPST
UV7
UV6
UV5
UV4
UV3
UV2
UV1
27
0x1B
OVPST
OV6
OV5
OV4
OV3
OV2
OV1
28
0x1C
AUTO-PSM
AUTO-PSM6 AUTO-PSM5 AUTO-PSM4 AUTO-PSM3 AUTO-PSM2 AUTO-PSM1
29
0x1D
SEQ_MODE
MODE_EN7 MODE_EN6
MODE_EN5 MODE_EN4
MODE_EN3 MODE_EN2 MODE_EN1
30
0x1E
ADJ_BST_VTH6
BUCK6_ONLY
BOOST6_VTH[1:0]
31
0x1F
OPT_SR_ADJ
ADJ_SR6
ADJ_SR5
ADJ_SR4
ADJ_SR3
ADJ_SR2
ADJ_SR1
32
0x20
DCM56_GSCAL1
DCM56
GATE_SCAL1
33
0x21
SEL_INP_LDO12
SEL_INP_
LDO2
SEL_INP_
LDO1
34
0x22
SEL_IND_UV5
UV_DLY5[1:0]
SEL_IND_
UV5
35
0x23
OPTION_SEL
REDUCE_
VOUT1
DIS_DLY_
EXTEND
DIS_EN34_
CH4
DIS_EN34_
CH3
48
0x30
PCTRL
RDST_PCTRL CH7_ON
CH6_ON
CH5_ON
CH4_ON
CH3_ON
CH2_ON
CH1_ON
Rev. A | Page 40 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com