Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 10Page - Analog Devices ADP5080 Datasheet HTML 11Page - Analog Devices ADP5080 Datasheet HTML 12Page - Analog Devices ADP5080 Datasheet HTML 13Page - Analog Devices ADP5080 Datasheet HTML 14Page - Analog Devices ADP5080 Datasheet HTML 15Page - Analog Devices ADP5080 Datasheet HTML 16Page - Analog Devices ADP5080 Datasheet HTML 17Page - Analog Devices ADP5080 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
ADP5080
Data Sheet
Figure 16. Channel 7 Load Regulation, VILDO7 = 16 V
Figure 17. VREG1 Load Regulation
Figure 18. VREG2 Load Regulation
Figure 19. Channel 1 Load Transient, VOUT = 1.1 V, FPWM Mode
Figure 20. Channel 1 Load Transient, VOUT = 1.1 V, Auto PSM Mode
Figure 21. Channel 2 Load Transient, VOUT = 1.2 V, FPWM Mode
11.95
11.96
11.97
11.98
11.99
12.00
12.01
12.02
12.03
12.04
12.05
0.1
1
10
OUTPUT CURRENT (mA)
4.900
4.925
4.950
4.975
5.000
5.025
5.050
5.075
5.100
0.1
1
10
100
OUTPUT CURRENT (mA)
3.200
3.225
3.250
3.275
3.300
3.325
3.350
3.375
3.400
0.1
1
10
100
OUTPUT CURRENT (mA)
2
4
CH2 20.0mV
B
W 20.0M
200µs/DIV
20.0MS/s
CH4 500mA
50Ω BW 250M
2
4
CH2 20.0mV
B
W 20.0M
CH4 300mA
50Ω BW 20.0M
200µs/DIV
10.0MS/s
2
4
CH2 20.0mV
B
W 20.0M
CH4 300mA
50Ω BW 250M
200µs/DIV
20.0MS/s
Rev. A | Page 14 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com