Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 31Page - Analog Devices ADP5080 Datasheet HTML 32Page - Analog Devices ADP5080 Datasheet HTML 33Page - Analog Devices ADP5080 Datasheet HTML 34Page - Analog Devices ADP5080 Datasheet HTML 35Page - Analog Devices ADP5080 Datasheet HTML 36Page - Analog Devices ADP5080 Datasheet HTML 37Page - Analog Devices ADP5080 Datasheet HTML 38Page - Analog Devices ADP5080 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Data Sheet
ADP5080
Table 13. Suggested Inductors
Channel
VOUT (V)
Frequency (kHz)
Inductance (µH)
Part Number
1
<1.0
750 or 1000
1
Toko FDSD0420-H-1R0
1500 or 2000
0.47
Toko FDSD0420-H-R47
1.0 to 1.2
750 or 1000
1.5
Toko FDSD0420-H-1R5
1500 or 2000
0.68
Toko FDSD0420-H-R68
2
<1.8
750 or 1000
4.7
Toko FDSD0420-H-4R7
1500 or 2000
2.2
Toko FDSD0420-H-2R2
1.8 to 3.3
750 or 1000
6.8
Taiyo Yuden NRS4018T6R8M
1500 or 2000
3.3
Toko FDSD0420-H-3R3
3
<1.5
750 or 1000
3.3
Toko FDSD0420-H-3R3
1500 or 2000
1.5
Toko FDSD0420-H-1R5
1.5 to 1.8
750 or 1000
3.3
Toko FDSD0420-H-3R3
1500 or 2000
1.5
Toko FDSD0420-H-1R5
4
<2.5
750 or 1000
6.8
Taiyo Yuden NRS4018T6R8M
1500 or 2000
3.3
Toko FDSD0420-H-3R3
2.5 to 3.55
750 or 1000
10
Taiyo Yuden NRS4018T100M
1500 or 2000
4.7
Toko FDSD0420-H-4R7
5
<4
750 or 1000
3.3
Toko FDSD0420-H-3R3
1500 or 2000
2.2
Toko FDSD0420-H-2R2
4 to 5
750 or 1000
3.3
Toko FDSD0420-H-3R3
1500 or 2000
1.5
Toko FDSD0420-H-1R5
6
<4.5
750 or 1000
4.7
Toko FDSD0420-H-4R7
1500 or 2000
2.2
Toko FDSD0420-H-2R2
4.5 to 5.5
750 or 1000
4.7
Toko FDSD0420-H-4R7
1500 or 2000
3.3
Toko FDSD0420-H-3R3
Selecting the Input Capacitor
Step-down switching regulators draw current from the input
supply in pulses that have very fast rise and fall times. Low ESR
ceramic input capacitors are required to reduce the input voltage
ripple and provide bypass for high frequency switching noise. If
not well bypassed, the input noise can cause poor device perfor-
mance, instability, and increased conducted and radiated emissions
(EMI).
Each switching channel should have approximately 10 µF of
input bypass capacitance. Place the input capacitors as close
as possible to the PVINx and PGNDx pins. Place an additional
ceramic input capacitor at VBATT. It is usually beneficial to use
multiple capacitors in parallel instead of a single high value
capacitor.
Note that ceramic capacitors have very strong dc bias character-
istics and lose as much as 80% of their capacitance value at the
rated voltage. Also, note that the rise in case temperature due to
rms current in the input capacitor can be quite high on the input
of a buck regulator. For these reasons, capacitors of X5R and X7R
type or better are recommended. A good estimate for the rms
current in the input capacitor of a single channel is
IN
OUT
IN
OUT
LOAD
RMS
V
V
V
V
I
I
)
(
−
×
×
=
Selecting the Output Capacitor
The output capacitor is important for regulator operation
because it affects the loop stability, output voltage ripple, and
load transient response.
The ADP5080 is designed to operate with low ESR ceramic
output capacitors. Higher output capacitor values reduce the
output voltage ripple and improve load transient step response.
When choosing an output capacitor value, it is also important to
account for the loss of capacitance due to output voltage dc bias.
Table 14 lists the minimum recommended capacitor values for
each channel. Note that the capacitor values shown in Table 14
are nominal values, not derated values. The capacitors listed
work for the full range of operating frequency and load.
Lower values can be used at higher frequency or lighter load
currents. However, exercise caution when using values smaller
than the minimum recommended values; too small an output
capacitor can result in unstable operation. Output capacitance
can typically be increased with no practical limit without causing
stability problems. Greater capacitance improves ripple and
transient performance.
Rev. A | Page 35 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com