Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 24Page - Analog Devices ADP5080 Datasheet HTML 25Page - Analog Devices ADP5080 Datasheet HTML 26Page - Analog Devices ADP5080 Datasheet HTML 27Page - Analog Devices ADP5080 Datasheet HTML 28Page - Analog Devices ADP5080 Datasheet HTML 29Page - Analog Devices ADP5080 Datasheet HTML 30Page - Analog Devices ADP5080 Datasheet HTML 31Page - Analog Devices ADP5080 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
ADP5080
Data Sheet
SWITCHING CLOCK
The ADP5080 integrates a highly accurate switching clock for the
dc-to-dc converters and the charge pump. As shown in Figure 45,
the internal clock can also be bypassed and the system synchro-
nized to an external clock. When the internal clock source is
used, the switching frequency for each dc-to-dc converter and
the charge pump can be configured.
Figure 45. Switching Clock Distribution
External Synchronization Mode
When an external clock is present at the SYNC pin, all dc-to-dc
converters and the charge pump automatically use it as their
master switching clock; the FREQx bit settings in Register 18 are
ignored. When using external synchronization mode, ensure
that the external clock is already stable before the EN signal is
asserted to avoid unexpected behavior in the converters. When
an external clock is used, the clock must operate within the
specifications listed in Table 1.
Selecting the Internal Clock Frequency
If the SYNC pin is tied high or low, the device uses the internal
clock. The internal oscillator generates a master clock at either
2.0 MHz or 1.5 MHz, as specified by the SEL_FSW bit in
Register 18. The internal clock is active when EN is high.
The master clock is divided down by half so that each dc-to-dc
converter can select 1× or 1/2× the master clock frequency. The
frequency of each channel is set using the FREQx bit (where x is
1 to 6) in Register 18. For example, if the master clock is set to
1.5 MHz, Channel 1 through Channel 6 can be configured to
operate at 750 kHz or 1.5 MHz, but not at 1 MHz or 2 MHz.
For the charge pump, the FREQ_CP bits set the switching
frequency (see the Charge Pump Switching Frequency section).
Selecting the External Resistor
An external 100 kΩ resistor from the FREQ pin to GND is
required for the internal clock source oscillator. To obtain an
accurate clock frequency, select a high precision resistor with
a low temperature coefficient. A 1 nF bypass capacitor is also
recommended at the FREQ pin.
Phase Shifting
Each dc-to-dc converter can be configured to use the inverted
phase of the master clock by setting the PHASEx bit (where x is
1 to 6) in Register 20. Setting channels out of phase with each
other helps reduce rms current stress on the input capacitors and
spreads switching energy over two cycles. Phase shifting reduces
possible interference in a system due to propagated switching
noise on the input rail.
When any channel is operated at 1/2 × fSW, the higher frequency
channel must be set out of phase to have any effect on the
apparent phase of the lower frequency channel (see Figure 46).
Figure 46. Switching Phase Relationships
Any channel at 1 × fSW has the expected, set phase relationship to
the master clock. However, when a channel operates at 1/2 × fSW,
it always appears to be in phase with the master clock and with
any in-phase channel at 1 × fSW. This relationship is illustrated
by the lines labeled 1 and 2 in Figure 46; regardless of the phase
setting, Line 1 or Line 2 is always aligned to the rising edge.
To set a channel operating at 1/2 × fSW out of phase, the highest
frequency channel must be set out of phase. Referring to the lines
labeled 3 in Figure 46, the channel operating at 1/2 × fSW is now
out of phase with the channel operating at 1 × fSW, regardless of
the phase setting.
CLKO Pin
The clock output (CLKO) pin can output the internal switching
clock used for Channel 1. The output is enabled by setting the
EN_CLKO bit in Register 19 to 1. The CLKO output stays low
when external clocking is used or when the EN_CLKO bit is set
to 0.
CH1
CH2
FREQx
ROSC
100kΩ
FREQ
CLOCK
SOURCE
2.0MHz (0)
OR
1.5MHz (1)
SEL_FSW
SYNC
SYNC
DETECTOR
CHARGE
PUMP
1/8
FREQ_CP[0]
PHASEx
EN_CLKO
CLKO
SYNC
DETECTOR
1/2
FREQ_CP[1]
CH3
CH4
CH5
CH6
1/2
IN PHASE
OUT OF PHASE
IN PHASE
OUT OF PHASE
MASTER CLOCK
2MHz
2
2
1
1
1MHz
3
3
3
Rev. A | Page 28 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com