Electronic Components Datasheet Search
  English  ▼

X  

ADP5080 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5080
Description  High Efficiency Integrated Power Solution for Multicell Lithium Ion Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5080 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5080 Datasheet HTML 23Page - Analog Devices ADP5080 Datasheet HTML 24Page - Analog Devices ADP5080 Datasheet HTML 25Page - Analog Devices ADP5080 Datasheet HTML 26Page - Analog Devices ADP5080 Datasheet HTML 27Page - Analog Devices ADP5080 Datasheet HTML 28Page - Analog Devices ADP5080 Datasheet HTML 29Page - Analog Devices ADP5080 Datasheet HTML 30Page - Analog Devices ADP5080 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Data Sheet
ADP5080
LIGHT LOAD AND OTHER MODES OF OPERATION
FOR THE DC-TO-DC CONVERTER CHANNELS
Each dc-to-dc converter channel in the ADP5080 has two or
three options to handle light load conditions, whereas asyn-
chronous dc-to-dc converters simply transition to discontinuous
conduction mode (DCM). Although light load modes provide
higher efficiency and longer battery life, they are also associated
with increased ripple and noise. This trade-off requires the user
to select the option that best suits the application, usually on a
channel by channel basis (see Table 9). The modes of operation
are illustrated in Figure 43, which shows the inductor current and
the switch node in auto PSM, auto DCM, and FPWM modes.
Slew Rate Adjustment
Each channel has a slew rate adjustment option, which is set
using the ADJ_SRx bit (where x is 1 to 6) in the OPT_SR_ADJ
register (Register 31). When the ADJ_SRx bit is set, the switch
node slew rate for the channel is reduced, which in turn reduces
high frequency spike noise. Enabling this feature reduces the
efficiency of the channel, however, due to increased switching
losses. For this reason, use the slew rate adjustment feature only
when low output noise is critical.
Forced PWM (FPWM) Mode
Forced pulse-width modulation (FPWM) mode maintains PWM
operation despite light load conditions, allowing negative current
to flow from the inductor through the low-side switching FET.
This mode is also referred to as continuous conduction mode
(CCM). The FPWM option has the lowest efficiency, but may
be selected when constant frequency and low ripple are absolutely
required, regardless of load.
Auto DCM
Automatic discontinuous conduction mode (auto DCM) is
available on Channel 5 and Channel 6. Auto DCM turns off the
low-side switching FET when the inductor current falls to zero
during the tOFF period, preventing negative current from flowing
through the low-side FET. This operation is equivalent to that of
traditional flywheel diode-based PWM regulators. Auto DCM has
higher efficiency than FPWM mode because negative inductor
current is not allowed, but rather is recirculated to the input side.
At very light loads in auto DCM, some pulse skipping occurs and,
therefore, switching is not at a constant frequency.
Auto PSM
Automatic power save mode (auto PSM) is similar to auto DCM,
except that it intentionally turns on the high-side FET with a fixed
period (approximately 80% of nominal tON). This operation forces
the regulator to skip a number of PWM cycles. Compared to auto
DCM, auto PSM skips a larger number of cycles and begins skip-
ping cycles at a higher load current. Auto PSM reduces switching
losses dramatically and improves efficiency, as shown in Figure 44.
However, in light load conditions, larger output voltage ripple
can be expected.
Figure 43. Auto PSM, Auto DCM, and FPWM Operation (Switch Node and
Inductor Current Shown, Dashed Line Indicates 0 A)
Figure 44. Efficiency of Auto PSM, Auto DCM, and FPWM Operation
Selecting Light Load Switching Modes
Each dc-to-dc converter channel can be configured with its
own light load switching mode using the AUTO-PSMx bits
in Register 28 and, for Channel 5 and Channel 6, the DCM56
bit in Register 32 (see Table 10 and Table 11).
Table 10. Light Load Switching Modes, Channel 1 to
Channel 4
AUTO-PSMx Bit
Light Load Switching Mode
0
FPWM
1
Auto PSM
Table 11. Light Load Switching Modes, Channel 5 and
Channel 6
AUTO-PSMx Bit
DCM56 Bit
Light Load Switching Mode
0
X1
FPWM
1
0
Auto PSM
1
1
Auto DCM
1
X = don’t care.
AUTO PSM
AUTO DCM
FPWM
100
90
80
70
60
50
40
30
20
10
0
OUTPUT CURRENT (A)
0.01
0.1
1
AUTO PSM
AUTO DCM
FPWM
Rev. A | Page 27 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com