Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 22Page - Microchip Technology USB3503 Datasheet HTML 23Page - Microchip Technology USB3503 Datasheet HTML 24Page - Microchip Technology USB3503 Datasheet HTML 25Page - Microchip Technology USB3503 Datasheet HTML 26Page - Microchip Technology USB3503 Datasheet HTML 27Page - Microchip Technology USB3503 Datasheet HTML 28Page - Microchip Technology USB3503 Datasheet HTML 29Page - Microchip Technology USB3503 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
USB3503
DS00001584B-page 26
 2011-2015 Microchip Technology Inc.
5.3.15
REGISTER 0EH: HUB CONTROLLER MAX CURRENT FOR SELF POWERED OPERATION -
HCMCS
Default = 0x02h Corresponds to 2mA.
5.3.16
REGISTER 0FH: HUB CONTROLLER MAX CURRENT FOR BUS POWERED OPERATION -
HCMCB
Default = 0x64h- Corresponds to 100mA.
5.3.17
REGISTER 10H: POWER-ON TIME - PWRT
Default = 0x00h - Corresponds to 0ms. Required for a hub with no power switches
5.3.18
REGISTER 11H: LANGUAGE ID HIGH - LANGIDH
Default = 0x04h - Corresponds to US English code 0x0409h
5.3.19
REGISTER 12H: LANGUAGE ID LOW - LANGIDL
Default = 0x09h - Corresponds to US English code 0x0409h
5.3.20
REGISTER 13H: MANUFACTURER STRING LENGTH - MFRSL
Default = 0x00h
Bit Number
Bit Name
Description
7:0
HC_MAX_C_SP Hub Controller Max Current Self-Powered: Value in 1mA increments that the
Hub consumes from an upstream port when operating as a self- powered hub.
This value includes the hub silicon along with the combined power consumption
(from VBUS) of all associated circuitry on the board. This value does NOT
include the power consumption of a permanently attached peripheral if the hub
is configured as a compound device.
Example: A value of 8mA would be written to this register as 0x08h
Note: The USB 2.0 Specification does not permit this value to exceed 100mA
Bit Number
Bit Name
Description
7:0
HC_MAX_C_BP Hub Controller Max Current Bus-Powered: Value in 1mA increments that the
Hub consumes from an upstream port when operating as a bus- powered hub.
Example: A value of 8mA would be written to this register as 0x08h
Bit Number
Bit Name
Description
7:0
POWER_ON_TI
ME
Power On Time: The length of time that is takes (in 2 ms intervals) from the
time the host initiated power-on sequence begins on a port until power is good
on that port. System software uses this value to determine how long to wait
before accessing a powered-on port. Setting affects only the hub descriptor field
“PwrOn2PwrGood” see Section 7.4, "Class-Specific Hub Descriptor," on
page 45.
Note:
This register represents time from when a host sends a SetPortFeature(PORT_POWER) request to the
time power is supplied through an external switch to a downstream port. It should be set to 0 if no power
switch is used- for instance within a compound device.
Bit Number
Bit Name
Description
7:0
LANG_ID_H
USB LANGUAGE ID (Upper 8 bits of a 16 bit ID field)
Bit Number
Bit Name
Description
7:0
LANG_ID_L
USB LANGUAGE ID (lower 8 bits of a 16 bit ID field)
Bit Number
Bit Name
Description
7:0
MFR_STR_LEN Manufacturer String Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com