Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 42Page - Microchip Technology USB3503 Datasheet HTML 43Page - Microchip Technology USB3503 Datasheet HTML 44Page - Microchip Technology USB3503 Datasheet HTML 45Page - Microchip Technology USB3503 Datasheet HTML 46Page - Microchip Technology USB3503 Datasheet HTML 47Page - Microchip Technology USB3503 Datasheet HTML 48Page - Microchip Technology USB3503 Datasheet HTML 49Page - Microchip Technology USB3503 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
USB3503
DS00001584B-page 46
 2011-2015 Microchip Technology Inc.
5
PwrOn2PwrGood
1
user
Time (in 2 ms intervals) from the time the power-on
sequence begins on a port until power is good on that
port. See Section 11.23.2.1 in the USB Specification.
The value contained in the ‘POWER_ON_TIME’ field is
directly reported to the host, and is determined by
Internal Default, or serial port load.
6
HubContrCurrent
1
user
Maximum current requirements of the Hub Controller
electronics in 1 mA increments. See Section 11.23.2.1 in
the USB Specification for additional details on the use of
this field.
This field reports the maximum current that only the hub
consumes from upstream VBUS when fully operational.
This value includes all support circuitry associated with
the hub (but does not include the current consumption of
any permanently attached peripherals if the hub is part of
a compound device).
The Hub supports Self-Powered and Bus-Powered
operation. The SELF_BUS_PWR bit (CONFIG_BYTE_1)
defined in Section 5.3.7, "Register 06h:
CONFIG_BYTE_1 - CFG1," on page 22 is used to
determine which of the stored values are reported. The
value reported to the host must coincide with the current
operating mode, and will be determined by the following
rules.
The value that is reported to the host will be:
‘HC_MAX_C_BP’ if SELF_BUS_PWR = ‘0’
‘HC_MAX_C_SP’ if SELF_BUS_PWR = ‘1’
‘HC_MAX_C_BP/SP’ are defined in Section 5.3.15, and
Section 5.3.16, "Register 0Fh: Hub Controller Max
Current For Bus Powered Operation - HCMCB," on
page 26. In all cases the reported value is sourced from
the Hub Controller Max Current data field (for Self or Bus
power) that was determined by Internal Default, or serial
port load.
7
DeviceRemovable
1
user
Indicates if port has a removable device attached. See
Section 11.23.2.1 in the USB Specification.
The value contained in the ‘NR_DEVICE’ field is directly
reported to the host, and is determined by Internal
Default, or serial port load.
8
PortPwrCtrlMask
1
FFh
Field for backwards USB 1.0 compatibility.
TABLE 7-11:
CLASS-SPECIFIC HUB DESCRIPTOR (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com