Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 14Page - Microchip Technology USB3503 Datasheet HTML 15Page - Microchip Technology USB3503 Datasheet HTML 16Page - Microchip Technology USB3503 Datasheet HTML 17Page - Microchip Technology USB3503 Datasheet HTML 18Page - Microchip Technology USB3503 Datasheet HTML 19Page - Microchip Technology USB3503 Datasheet HTML 20Page - Microchip Technology USB3503 Datasheet HTML 21Page - Microchip Technology USB3503 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
USB3503
DS00001584B-page 18
 2011-2015 Microchip Technology Inc.
4.3.4
HUB CONNECT STAGE (HUB.CONNECT)
Next, the USB3503 enters the Hub Connect Stage. See Section 5.3.32, "Register EEh: Configure Portable Hub - CFGP,"
on page 31 and Section 5.3.29, "Register E7h: Serial Port Interlock Control - SP_ILOCK," on page 29 for definition of
control registers which affect how the device transitions through the hub stages.
By using the appropriate controls, the USB3503 can be set to immediately transition, or instead to remain in the Hub
Connect Stage indefinitely until one of the SOC handshake events occur. When set to wait on the handshake, the SOC
may read or update any of the serial port registers. Once the SOC finishes accessing registers and is ready for USB
communication to start, it can perform one of the selected handshakes which that cause the USB3503 to connect within
Thubconnect and transition to the Hub Communication Stage.
4.3.5
HUB COMMUNICATION STAGE (HUB.COM)
Once it exits the Hub Connect Stage, the USB3503 enters Hub Communication Stage. In this stage full USB operation
is supported under control of the USB Host on the upstream port. The USB3503 will remain in the Hub Communication
Stage until the operating mode is changed by the system asserting RESET_N low.
While in the Hub Communication Stage, communication over the serial port is no longer supported and the resulting
behavior of the serial port if accessed is undefined. In order to re-enable the serial port interface, the device must exit
Hub Communication Stage. Exiting this stage is only possible by entering Standby mode.
4.3.6
HUB MODE TIMING DIAGRAM
The following timing diagram shows the progression through the stages of Hub Mode and the associated timing param-
eters.
The following table lists the timing parameters associated with the stages of the Hub Mode.
FIGURE 4-2:
TIMING DIAGRAM FOR HUB STAGES
TABLE 4-2:
TIMING PARAMETERS FOR HUB STAGES
Characteristic
Symbol
MIN
TYP
MAX
Units
Conditions
Hub Initialization
Time
THUBINIT
34
ms
Hub Configuration
Time-out
THUBCONFIG
94
95
96
ms
Hub Connect Time
THUBCONNECT
01
10
us
RESET_N
Device
Mode.Stage
T_HUBINIT
Standby
Hub.Init
Hub.Config
T_HUBCONFIG
Hub.Connect
T_HUBCONNECT
Hub.Com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com