Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 32Page - Microchip Technology USB3503 Datasheet HTML 33Page - Microchip Technology USB3503 Datasheet HTML 34Page - Microchip Technology USB3503 Datasheet HTML 35Page - Microchip Technology USB3503 Datasheet HTML 36Page - Microchip Technology USB3503 Datasheet HTML 37Page - Microchip Technology USB3503 Datasheet HTML 38Page - Microchip Technology USB3503 Datasheet HTML 39Page - Microchip Technology USB3503 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
USB3503
DS00001584B-page 36
 2011-2015 Microchip Technology Inc.
6.0
SERIAL SLAVE INTERFACE
6.1
Overview
The serial slave interface on USB3503 is implemented as I2C. It is a standard I2C slave interface that operates at the
standard (100Kbps), fast (400Kbps), and the fast mode plus (1Mbps) modes.
The USB3503 I2C slave interface address is 0x08h.
REFCLK must be running for I2C to operate. The register map is outlined in section Section 5.3.
The I2C Slave Base Address is 0x08. The interrupt pin INT_N is used to communicate status changes on selected
events that are mapped into the Serial Port Interrupt Status Register. INT_N is asserted low whenever an unmasked bit
is set in the Serial Port Interrupt Status Register. SOC must update the Serial Port Interrupt Status Register to negate
the interrupt high.
The SOC can mask events to not cause the interrupt pin to transition by updating the Serial Port Interrupt Mask Register.
The status events will still be captured in the status register even if the interrupt pin is not asserted. The serial port has
limited speed and latency capability so events mapped into the serial ports and its interrupt are not expected to be
latency critical.
6.2
Interconnecting the USB3503 to an I2C Master
Note 6-1
The largest pullup values which meet the customer application should be selected in order to
minimize power consumption. Pullup values must also have low enough resistance to support the
desired i2C operating speed with the expected total capacitance in the application. Typical
applications are expected to use pullup values between 220Ω and 2.7kΩ for operation at 1MHz on
SCL and SDA. Larger pullup resistors may be acceptable for operation at 400KHz or 100KHz.
FIGURE 6-1:
I2C CONNECTIONS
I2C
MASTER
CONTROLLER
USB3503
SCL
SDA
SOC
SCL
SDA
VDD
INT
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com