Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 53 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 53 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 49Page - Microchip Technology USB3503 Datasheet HTML 50Page - Microchip Technology USB3503 Datasheet HTML 51Page - Microchip Technology USB3503 Datasheet HTML 52Page - Microchip Technology USB3503 Datasheet HTML 53Page - Microchip Technology USB3503 Datasheet HTML 54Page - Microchip Technology USB3503 Datasheet HTML 55Page - Microchip Technology USB3503 Datasheet HTML 56Page - Microchip Technology USB3503 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 53
USB3503
The following conditions are assumed unless otherwise specified:
VBAT = 3.0 to 5.5V; VSS = 0V; TA = 0C to +70C (Commercial), -40C to +85C (Industrial)
10.4
DC Characteristics: Digital I/O Pins
TABLE 10-4:
OPERATING CURRENT (SINGLE SUPPLY)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
3 Downstream Ports
Active
88
98
110
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
2 Downstream Ports
Active, 1 Port Disabled
69
72
80
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
1 Downstream Port
Active, 2 Ports Disabled
45
48
55
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
3 Downstream Ports
Enabled, No USB Data
Transfer
47
50
53
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
1Downstream Port
Enabled, No USB Data
Transfer
34
35
36
mA
Unconfigured
(High Speed)
IVBAT(UNCONF)
RESET_N = 1
28
29
30
mA
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Commercial Temp
00.6
2.6
μA
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Industrial Temp
00.6
3.1
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Commercial Temp
215
250
925
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Industrial Temp
215
250
1330
μA
Note:
TA = -40˚C to 85˚C
TABLE 10-5:
DIGITAL I/O CHARACTERISTICS
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Low-Level Input Voltage
VIL
Note 10-3
-0.3
0.42
V
Low-Level Input Voltage
VIL
Note 10-4
-0.3
0.34
V
High-Level Input Voltage
VIH
1.25
VDD33_BYP+
0.3V
V
Low-Level Input Voltage
RESET
VIL_RST
-0.3
0.38
V
High-Level Input Voltage
RESET
VIH_RST
1.0
VDD33_BYP+
0.3V
V
Low-Level Input Voltage OSC VIL_OSC
-0.3
0.55
V
High-Level Input Voltage
OSC
VIH_OSC
0.8
VDD33_BYP+
0.3V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com