Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 36Page - Microchip Technology USB3503 Datasheet HTML 37Page - Microchip Technology USB3503 Datasheet HTML 38Page - Microchip Technology USB3503 Datasheet HTML 39Page - Microchip Technology USB3503 Datasheet HTML 40Page - Microchip Technology USB3503 Datasheet HTML 41Page - Microchip Technology USB3503 Datasheet HTML 42Page - Microchip Technology USB3503 Datasheet HTML 43Page - Microchip Technology USB3503 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
USB3503
DS00001584B-page 40
 2011-2015 Microchip Technology Inc.
7.2.2
CONFIGURATION DESCRIPTOR
The following table provides configuration descriptor values for High-Speed, Single-TT-Only operation.
16
SerialNumber
1
zzh
If STRING_EN =0 Optional string is not supported, and
zz = 00.
If STRING_EN = 1, String support is enabled, and
zz = 03
17
NumConfigurations
1
01h
Supports 1 configuration.
TABLE 7-2:
CONFIGURATION DESCRIPTOR (HIGH-SPEED, SINGLE-TT ONLY)
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
Length
1
09h
Size of this Descriptor.
1
DescriptorType
1
02h
Configuration Descriptor Type.
2
TotalLength
2
yyyyh
Total combined length of all descriptors for this
configuration (configuration, interface, endpoint, and
class- or vendor-specific).
yyyyh = 0019h
4
NumInterfaces
1
01h
Number of interfaces supported by this configuration.
5
ConfigurationValue
1
01H
Value to use as an argument to the SetConfiguration()
request to select this configuration.
6
Configuration
1
00h
Index of string descriptor describing this configuration
(string not supported).
7
Attributes
1
user/
signal
Configuration characteristics: Communicates the
capabilities of the hub regarding Remote Wake-up
capability, and also reports the self-power status. In all
cases, the value reported to the host always indicates
that the hub supports Remote Wakeup.
The value reported to the host is dependant upon the
SELF_BUS_PWR bit (CONFIG_BYTE_1)
= A0h for Bus-Powered (SELF_BUS_PWR = 0).
= E0h for Self-Powered (SELF_BUS_PWR = 1).
All other values are reserved.
8
MaxPower
1
user
Maximum Power Consumption of the Hub from VBUS
when fully operational. This value includes all support
circuitry associated with the hub (including an attached
“embedded” peripheral if hub is part of a compound
device), and is in 2mA increments. The Hub supports
Self-Powered and Bus-Powered operation. The
SELF_BUS_PWR bit (CONFIG_BYTE_1) is used to
determine which of the values below are reported. The
value reported to the host must coincide with the current
operating mode, and will be determined by the following
rules.
The value that is reported to the host will be:
‘MAX_PWR_BP’ if SELF_BUS_PWR = ‘0’
‘MAX_PWR_SP’ if SELF_BUS_PWR = ‘1’
In all cases the reported value is sourced from the MAX
POWER data field (for Self or Bus power) that was
loaded by Internal Default, or serial port configuration.
TABLE 7-1:
DEVICE DESCRIPTOR (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com