Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 27Page - Microchip Technology USB3503 Datasheet HTML 28Page - Microchip Technology USB3503 Datasheet HTML 29Page - Microchip Technology USB3503 Datasheet HTML 30Page - Microchip Technology USB3503 Datasheet HTML 31Page - Microchip Technology USB3503 Datasheet HTML 32Page - Microchip Technology USB3503 Datasheet HTML 33Page - Microchip Technology USB3503 Datasheet HTML 34Page - Microchip Technology USB3503 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 31
USB3503
5.3.31
REGISTER E9H: SERIAL PORT INTERRUPT MASK - INT_MASK
Default = 0x00h
5.3.32
REGISTER EEH: CONFIGURE PORTABLE HUB - CFGP
Default = 0x00h - Corresponds to 95ms startup & Phone RefClks available
Bit Number
Bit Name
Description
7:5
Reserved
Reserved
4
HubSuspMask 1 = INT_N pin is asserted low when Hub enters suspend
0 = INT_N pin is not affected by Hub entering suspend
3
HubCfgMask
1 = INT_N pin is asserted low when Hub configured by USB Host
0 = INT_N pin is not affected by Hub configuration event
2
PrtPwrMask
1 = INT_N pin is asserted low when Port Power register has been updated by
USB Host
0 = INT_N pin is not affected by Port Power register
1:0
Reserved
Reserved
Bit Number
Bit Name
Description
7
ClkSusp
(Read/Write)
1 = Force device to run internal clock even during USB suspend (will cause
device to violate USB suspend current limit - intended for test or self-powered
applications which require use of serial port during USB session.)
0 = Allow device to gate off its internal clocks during suspend mode in order to
meet USB suspend current requirements.
6
IntSusp
(Read/Write)
1 = INT_N pin function is a level sensitive USB suspend interrupt indication.
Allows system to adjust current consumption to comply with USB specification
limits when hub is in the USB suspend state.
0 = INT_N pin function retains event sensitive role of a general serial port
interrupt.
See Section 3.3.4, "Interrupt," on page 13 for more information.
5:4
CfgTout
(Read Only)
Specifies timeout value for allowing SOC to configure the device. Corresponds
to the Thubconfig parameter. See Section TABLE 4-2:, "Timing Parameters for
Hub Stages".
‘00’ = 95ms - Use to meet legacy 100ms connect timing
3
Reserved
Reserved
2:0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com