Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 47 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 43Page - Microchip Technology USB3503 Datasheet HTML 44Page - Microchip Technology USB3503 Datasheet HTML 45Page - Microchip Technology USB3503 Datasheet HTML 46Page - Microchip Technology USB3503 Datasheet HTML 47Page - Microchip Technology USB3503 Datasheet HTML 48Page - Microchip Technology USB3503 Datasheet HTML 49Page - Microchip Technology USB3503 Datasheet HTML 50Page - Microchip Technology USB3503 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 47
USB3503
7.5
String Descriptors
The USB3503 supports a 30 Character Manufacturer String Descriptor, a 30 Character Product String and a 30 charac-
ter Serial String.
7.5.1
STRING DESCRIPTOR ZERO (SPECIFIES LANGUAGES SUPPORTED)
7.5.2
STRING DESCRIPTOR 1 (MANUFACTURER STRING)
7.5.3
STRING DESCRIPTOR 2 (PRODUCT STRING)
7.5.4
STRING DESCRIPTOR 3 (SERIAL STRING)
TABLE 7-12:
STRING DESCRIPTOR ZERO
Offset
Field
Size
Value
Description
0
Length
1
04h
Size of this Descriptor.
1
DescriptorType
1
03h
String Descriptor Type.
2
LANGID
2
xxxxh
Language ID code from LANG_ID_H and LANG_ID_L
registers
TABLE 7-13:
STRING DESCRIPTOR 1, MANUFACTURER STRING
Offset
Field
Size
Value
Description
0
Length
1
yyh
Size of this Descriptor. The yy value is created by taking
the MFR_STR_LEN{bytes} + 2{bytes}
1
DescriptorType
1
03h
String Descriptor Type.
2
String
N
string
Manufacturer String
The string is located in the MFR_STR register and the
size (N) is held in the MFR_STR_LEN register
TABLE 7-14:
STRING DESCRIPTOR 2, PRODUCT STRING
Offset
Field
Size
Value
Description
0
Length
1
yyh
Size of this Descriptor. The yy value is created by taking
the PRD_STR_LEN{bytes} + 2{bytes}
1
DescriptorType
1
03h
String Descriptor Type.
2
String
N
string
Product String
The string is located in the PROD_STR register and the
size (N) is held in the PRD_STR_LEN register
TABLE 7-15:
STRING DESCRIPTOR 3, SERIAL STRING
Offset
Field
Size
Value
Description
0
Length
1
yyh
Size of this Descriptor. The yy value is created by taking
the SER_STR_LEN{bytes} + 2{bytes}
1
DescriptorType
1
03h
String Descriptor Type.
2
String
N
string
Serial String
The string is located in the SER_STR register and the
size (N) is held in the SER_STR_LEN register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com