Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 52 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 52 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 48Page - Microchip Technology USB3503 Datasheet HTML 49Page - Microchip Technology USB3503 Datasheet HTML 50Page - Microchip Technology USB3503 Datasheet HTML 51Page - Microchip Technology USB3503 Datasheet HTML 52Page - Microchip Technology USB3503 Datasheet HTML 53Page - Microchip Technology USB3503 Datasheet HTML 54Page - Microchip Technology USB3503 Datasheet HTML 55Page - Microchip Technology USB3503 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
USB3503
DS00001584B-page 52
 2011-2015 Microchip Technology Inc.
10.3
Operating Current
The following conditions are assumed unless otherwise specified:
VBAT = 3.0 to 5.5V; VDD_CORE = 1.6 to 2.0V; VSS = 0V;
TA = 0C to +70C (Commercial), -40C to +85C (Industrial)
TABLE 10-3:
OPERATING CURRENT (DUAL SUPPLY)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
3 Downstream Ports
Active
55
65
68
mA
ICORE(HS)
29
33
38
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
2 Downstream Ports
Active, 1 Port Disabled
33
43
45
mA
ICORE(HS)
26
28
35
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
Active USB Transfer
RESET_N = 1
1 Downstream Port
Active, 2 Ports Disabled
19
23
25
mA
ICORE(HS)
22
24
30
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
3 Downstream Ports
Enabled, No USB Data
Transfer
20
21
23
mA
ICORE(HS)
24
25
29
mA
High Speed USB Operation
with Upstream HSIC
IVBAT(HS)
High Speed Idle
RESET_N = 1
1Downstream Port
Enabled, No USB Data
Transfer
12
13
14
mA
ICORE(HS)
19
20
23
mA
Unconfigured
(High Speed)
IVBAT(UNCONF)
RESET_N = 1
7
8
10
mA
ICORE(UNCONF)
17
18
22
mA
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Commercial Temp
00.4
2.5
μA
ICORE(STDBY)
00
0.5
μA
STANDBY Mode
IVBAT(STDBY)
RESET_N = 0
Industrial Temp
00.6
3.9
μA
ICORE(STDBY)
00
0.9
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Commercial Temp
65
73
110
μA
ICORE(SPND)
125
165
765
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
Industrial Temp
65
73
125
μA
ICORE(SPND)
125
165
1050
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com