Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 71 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 71 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 65Page - Microchip Technology USB3503 Datasheet HTML 66Page - Microchip Technology USB3503 Datasheet HTML 67Page - Microchip Technology USB3503 Datasheet HTML 68Page - Microchip Technology USB3503 Datasheet HTML 69Page - Microchip Technology USB3503 Datasheet HTML 70Page - Microchip Technology USB3503 Datasheet HTML 71Page - Microchip Technology USB3503 Datasheet HTML 72Page - Microchip Technology USB3503 Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 71
USB3503
USB3503 25-WLCSP PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
USB3503 32-SQFN PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
USB3503
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
i= -40
°C to +85°C
(Industrial)
Blank =
0
°C to +70°C
(Commercial)
Package:
GL
=
WLCSP
Examples:
a)
USB3503A-1-GL-TR
0C to 70C temperature range,
25-Ball WLCSP, 3000 piece reel
b)
USB3503Ai-1-GL-TR:
-40C to 85C temperature range,
25-Ball WLCSP, 3000 piece reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
USB3503
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
i= -40
°C to +85°C
(Industrial)
Blank =
0
°C to +70°C
(Commercial)
Package:
ML
=
SQFN
Examples:
a)
USB3503/ML
0C t 70C temperature range,
32-Pin SQFN, tray
b)
USB3503-i/ML
-40C to 85C temperature range,
32-Pin SQFN, tray
c)
USB3503T/ML
- 0C to 70C temperature range,
32-Pin SQFN, 5000 piece reel
d)
USB3503T-i/ML
-40C to 85C temperature range,
32-Pin SQFN, 5000 piece reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com