Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 58 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 58 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 54Page - Microchip Technology USB3503 Datasheet HTML 55Page - Microchip Technology USB3503 Datasheet HTML 56Page - Microchip Technology USB3503 Datasheet HTML 57Page - Microchip Technology USB3503 Datasheet HTML 58Page - Microchip Technology USB3503 Datasheet HTML 59Page - Microchip Technology USB3503 Datasheet HTML 60Page - Microchip Technology USB3503 Datasheet HTML 61Page - Microchip Technology USB3503 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
USB3503
DS00001584B-page 58
 2011-2015 Microchip Technology Inc.
11.0 APPLICATION REFERENCE
11.1
Application Diagram
The USB3503 requires several external components to function and insure compliance with the USB 2.0 specification.
TABLE 11-1:
COMPONENT VALUES IN APPLICATION DIAGRAMS
Reference
Designator
Value
Description
Notes
CVDD12BYP
1.0
μF
Capacitor to ground for regulator stability. Place as close to the
USB3503 as possible
CVDD33BYP
4.7
μF
Capacitor to ground for regulator stability. Place as close to the
USB3503 as possible
COUT
0.1
μF
Bypass capacitor to ground.
Place as close to the
USB3503 as possible
RBIAS
12.0k
Series resistor to establish reference
voltage used by analog circuits.
Place as close to the
USB3503 as possible
RPU1
10k or 1k
Pull-up for I2C bus. 10k for 100kHz or
400kHz operation. 1k for 1MHz operation.
RPU2
10k (or greater)
Pull-up for open-drain outputs
TABLE 11-2:
CAPACITANCE VALUES AT VBUS OF USB CONNECTOR
Port
MIN Value
MAX Value
Downstream
120
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com