Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 25Page - Microchip Technology USB3503 Datasheet HTML 26Page - Microchip Technology USB3503 Datasheet HTML 27Page - Microchip Technology USB3503 Datasheet HTML 28Page - Microchip Technology USB3503 Datasheet HTML 29Page - Microchip Technology USB3503 Datasheet HTML 30Page - Microchip Technology USB3503 Datasheet HTML 31Page - Microchip Technology USB3503 Datasheet HTML 32Page - Microchip Technology USB3503 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 29
USB3503
5.3.28
REGISTER E6H: OVER CURRENT SENSE CONTROL - OCS
Default = 0x00h
5.3.29
REGISTER E7H: SERIAL PORT INTERLOCK CONTROL - SP_ILOCK
Default=0x32h - Corresponds to OCS_N/PRT_PWR pins & pausing to connect until write from I2C
Bit Number
Bit Name
Description
7:4
Reserved
Reserved. {Note: Software must never write a ‘1’ to these bits}
3
OCS[3]
When SP_ILOCK.OcsPinSel = 1
Register Bit is reserved. Setting bit has no effect on HUB operation, instead
OCS_N device pin controls over current condition reporting.
When SP_ILOCK.OcsPinSel = 0
Optional control from SOC on indicating external current monitor indicating an
over-current condition on port 3 for HUB status reporting to USB host. Also
resets corresponding PRTPWR status register bit. Not required for an
embedded application.
0 = No Over Current Condition
1 = Over Current Condition
2:1
OCS[2:1]
Optional control from SOC on indicating external current monitor indicating an
over-current condition on the specified port for HUB status reporting to USB
host. Also resets corresponding PRTPWR status register bit. Not required for
an embedded application.
0 = No Over Current Condition
1 = Over Current Condition
0
Reserved
Reserved.
Bit Number
Bit Name
Description
7:6
Reserved
Reserved
5
OcsPinSel
1= OCS device pin will assume role as an active low Over Current Sense input
0= OCS device pin disabled, register control established
4
PrtPwrPinSel
1=PRTPWR device pin will assume role as an active high Port Power Switch
Control output
0=PRTPWR device pin disabled, register control established
3:2
Reserved
Reserved
1
connect_n
The SOC can utilize this bit to control when the hub attempts to connect to the
upstream host.
1 = Device will remain in Hub Mode.Connect Stage indefinitely until bit is
cleared by the SOC.
0 = Device will transition to the Hub Mode.Communication Stage after this bit
is asserted low by default or through a serial port write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com