Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 54 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 50Page - Microchip Technology USB3503 Datasheet HTML 51Page - Microchip Technology USB3503 Datasheet HTML 52Page - Microchip Technology USB3503 Datasheet HTML 53Page - Microchip Technology USB3503 Datasheet HTML 54Page - Microchip Technology USB3503 Datasheet HTML 55Page - Microchip Technology USB3503 Datasheet HTML 56Page - Microchip Technology USB3503 Datasheet HTML 57Page - Microchip Technology USB3503 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
USB3503
DS00001584B-page 54
 2011-2015 Microchip Technology Inc.
Note 10-3
For I2C interface using pullups to less than 2.1V.
Note 10-4
For I2C interface using pullups to greater than 2.1V.
10.5
DC Characteristics: Analog I/O Pins
Low-Level Input Voltage
REFCLK
VIL_REF
-0.3
0.5
V
High-Level Input Voltage
REFCLK
VIH_REF
1.4
VDD33_BYP+
0.3V
V
Clock Input Capacitance
REFCLK
CIN
2pF
Low-Level Output Voltage
VOL
@ IOL=12mA
sink current
0.4
V
Pin Capacitance
Cpin
2
20
pF
Output Current Capability
IO
12
20
24
mA
TABLE 10-6:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
LS/FS FUNCTIONALITY
Input levels
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver
Common-Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
2.0
V
Single-Ended Receiver
Hysteresis
VHYSSE
0.050
0.150
V
Output Levels
Low Level Output Voltage
VFSOL
Pull-up resistor on DP;
RL = 1.5kΩ to VDD33_BYP
0.3
V
High Level Output Voltage
VFSOH
Pull-down resistor on DP,
DM;
RL = 15kΩ to GND
2.8
3.6
V
Termination
Driver Output Impedance for
HS
ZHSDRV
Steady state drive
40.5
45
49.5
Ω
Input Impedance
ZINP
RX, RPU, RPD disabled
1.0
MΩ
Pull-dn Resistor Impedance
RPD
Note 10-5
14.25
16.9
20
kΩ
HS FUNCTIONALITY
Input levels
HS Differential Input Sensitivity VDIHS
| V(DP) - V(DM) |
100
mV
HS Data Signaling Common
Mode Voltage Range
VCMHS
-50
500
mV
HS Squelch Detection
Threshold (Differential)
VHSSQ
100
150
mV
HS Disconnect Threshold
VHSDSC
525
625
mV
TABLE 10-5:
DIGITAL I/O CHARACTERISTICS (CONTINUED)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com