Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 41Page - Microchip Technology USB3503 Datasheet HTML 42Page - Microchip Technology USB3503 Datasheet HTML 43Page - Microchip Technology USB3503 Datasheet HTML 44Page - Microchip Technology USB3503 Datasheet HTML 45Page - Microchip Technology USB3503 Datasheet HTML 46Page - Microchip Technology USB3503 Datasheet HTML 47Page - Microchip Technology USB3503 Datasheet HTML 48Page - Microchip Technology USB3503 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 45
USB3503
7.4
Class-Specific Hub Descriptor
The following table provides class-specific Hub descriptor values.
Note:
The Hub must respond to Hub Class Descriptor type 29h (the USB 1.1 and USB 2.0 value) and 00h
(the USB 1.0 value).
TABLE 7-11:
CLASS-SPECIFIC HUB DESCRIPTOR
Offset
Field
Size
Value
Description
0
Length
1
09h
Size of this Descriptor.
1
DescriptorType
1
29h
Hub Descriptor Type.
2
NbrPorts
1
user
Number of downstream facing ports this Hub supports.
See Section 11.23.2.1 of the USB Specification for
additional details regarding the use of this field.
The value reported is implementation dependent, and is
derived from the value defined during Internal Default, or
serial port load. The PORT_DIS_SP field defines the
ports that are permanently disabled when in Self-
Powered operation, and the PORT_DIS_BP field defines
the ports that are permanently disabled when in Bus-
Powered operation.
Internal logic will subtract the number of ports which are
disabled, from the total number available (which is 3),
and will report the remainder as the number of ports
supported. The value reported to the host must coincide
with the current operating mode, and will be determined
by the following rules.
The field used to determine the value that is reported to
the host will be:
‘PORT_DIS_BP’ if SELF_BUS_PWR = ‘0’
‘PORT_DIS_SP’ if SELF_BUS_PWR = ‘1’
3
HubCharacteristics
2
user
Defines support for Logical power switching mode,
Compound Device support, Over-current protection, TT
Think Time, and Port Indicator support, See Section
11.23.2.1 in the USB Specification for additional details
regarding the use of this field.
The values delivered to a host are all derived from values
defined during Internal Default, or serial port load, and
are assigned as follows:
D1:0 = ‘00’b if PORT_PWR = ‘0’
D1:0 = ‘01’b if PORT_PWR = ‘1’
D2 = ‘COMPOUND’
D4:3 = ‘CURRENT_SNS’
D6:5 = ‘00’b for 8FS (max) bit times of TT think time.
D7 = hardcoded to ‘0’ (no Port Indicator Support)
D15:8 = ‘00000000’b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com