Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 23Page - Microchip Technology USB3503 Datasheet HTML 24Page - Microchip Technology USB3503 Datasheet HTML 25Page - Microchip Technology USB3503 Datasheet HTML 26Page - Microchip Technology USB3503 Datasheet HTML 27Page - Microchip Technology USB3503 Datasheet HTML 28Page - Microchip Technology USB3503 Datasheet HTML 29Page - Microchip Technology USB3503 Datasheet HTML 30Page - Microchip Technology USB3503 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 27
USB3503
5.3.21
REGISTER 14H: PRODUCT STRING LENGTH - PRDSL
Default = 0x00h
5.3.22
REGISTER 15H: SERIAL STRING LENGTH - SERSL
Default = 0x00h
5.3.23
REGISTER 16H-53H: MANUFACTURER STRING - MANSTR
Default = 0x00h
5.3.24
REGISTER 54H-91H: PRODUCT STRING - PRDSTR
Default = 0x00h
5.3.25
REGISTER 92H-CFH: SERIAL STRING - SERSTR
Default = 0x00h
Bit Number
Bit Name
Description
7:0
PRD_STR_LEN Product String Length
Bit Number
Bit Name
Description
7:0
SER_STR_LEN Serial String Length
Bit Number
Bit Name
Description
7:0
MFR_STR
Manufacturer String, UNICODE UTF-16LE per USB 2.0 Specification
Note: The String consists of individual 16 Bit UNICODE UTF-16LE characters.
The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subsequent
characters must be stored in sequential contiguous address in the
same LSB, MSB manner). Please pay careful attention to the Byte
ordering or your selected programming tools.
Bit Number
Bit Name
Description
7:0
PRD_STR
Product String, UNICODE UTF-16LE per USB 2.0 Specification
Note: The String consists of individual 16 Bit UNICODE UTF-16LE characters.
The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subsequent
characters must be stored in sequential contiguous address in the
same LSB, MSB manner). Please pay careful attention to the Byte
ordering or your selected programming tools.
Bit Number
Bit Name
Description
7:0
SER_STR
Serial String, UNICODE UTF-16LE per USB 2.0 Specification
Note: The String consists of individual 16 Bit UNICODE UTF-16LE characters.
The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subsequent
characters must be stored in sequential contiguous address in the
same LSB, MSB manner). Please pay careful attention to the Byte
ordering or your selected programming tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com