Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 6Page - Microchip Technology USB3503 Datasheet HTML 7Page - Microchip Technology USB3503 Datasheet HTML 8Page - Microchip Technology USB3503 Datasheet HTML 9Page - Microchip Technology USB3503 Datasheet HTML 10Page - Microchip Technology USB3503 Datasheet HTML 11Page - Microchip Technology USB3503 Datasheet HTML 12Page - Microchip Technology USB3503 Datasheet HTML 13Page - Microchip Technology USB3503 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
USB3503
DS00001584B-page 10
 2011-2015 Microchip Technology Inc.
3.3
Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface.
The terms assertion and negation are used. This is done to avoid confusion when working with a mixture of “active low”
and “active high” signal. The term “assert”, or “assertion” indicates that a signal is active, independent of whether that
level is represented by a high or low voltage. The term “negate”, or “negation” indicates that a signal is inactive.
3.3.1
PIN DEFINITION
TABLE 3-1:
PIN DESCRIPTIONS
Name
Symbol
Type
Description
UPSTREAM HIGH SPEED INTER-CHIP INTERFACE
HSIC Clock/Strobe
STROBE
I/O
HSIC Upstream Hub Strobe pin
HSIC Data
DATA
I/O
HSIC Upstream Hub Data pin
High-Speed USB Data
&
Port Disable Strap Option
USBDN_DP[2:1]
&
USBDN_DM[2:1]
A-I/O
These pins connect to the downstream USB
peripheral devices attached to the hub’s ports
Downstream Port Disable Strap option:
This pin will be sampled at RESET_N negation to
determine if the port is disabled.
Both USB data pins for the corresponding port
must be tied to VDD33_BYP to disable the
associated downstream port.
HS USB Data
USBDN_DP[3]
&
USBDN_DM[3]
A-I/O
These pins connect to the downstream USB
peripheral devices attached to the hub’s ports.
There is no downstream Port Disable Strap
option on these ports.
SERIAL PORT INTERFACE
Serial Data
SDA
I/OD
I2C Serial Data
Serial Clock
SCL
I
Serial Clock (SCL)
Interrupt
INT_N
OD
Interrupt
The function of this pin is determined by the
setting in the CFGP.INTSUSP configuration
register.
When CFGP.INTSUSP = 0 (General Interrupt)
A transition from high to low identifies when one of
the interrupt enabled status registers has been
updated.
SOC must update the Serial Port Interrupt Status
Register to reset the interrupt pin high.
When CFGP.INTSUSP = 1 (Suspend Interrupt)
Indicates USB state of the hub.
‘Asserted’ low = Unconfigured or configured and in
USB Suspend
‘Negated’ high = Hub is configured, and is active
(i.e., not in suspend)
If unused, this pin must be tied to VDD33_BYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com