Electronic Components Datasheet Search
  English  ▼

X  

USB3503 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 11Page - Microchip Technology USB3503 Datasheet HTML 12Page - Microchip Technology USB3503 Datasheet HTML 13Page - Microchip Technology USB3503 Datasheet HTML 14Page - Microchip Technology USB3503 Datasheet HTML 15Page - Microchip Technology USB3503 Datasheet HTML 16Page - Microchip Technology USB3503 Datasheet HTML 17Page - Microchip Technology USB3503 Datasheet HTML 18Page - Microchip Technology USB3503 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
 2011-2015 Microchip Technology Inc.
DS00001584B-page 15
USB3503
4.0
MODES OF OPERATION
The USB3503 provides two modes of operation - Standby Mode and Hub Mode - which balance power consumption
with functionality. The operating mode of the USB3503 is selected by setting values on primary inputs according to the
table below.
4.1
Operational Mode Flowchart
The flowchart in Figure 4-1 shows the modes of operation. It also shows how the USB3503 traverses through the Hub
mode stages (shown in bold.) The flow of control is dictated by control register bits shown in Italics as well as other
events such as availability of reference clock. Refer to Section 5.3, "Serial Interface Register Definitions," on page 21
for the detailed definition of the control register bits. In this specification register bits are referenced using the syntax
<Register>.<RegisterBit>. A summary of all registers can be found in Table 5-2, “Serial Interface Registers,” on
page 19.
The remaining sections in this chapter provide more detail on each stage and mode of operation.
TABLE 4-1:
CONTROLLING MODES OF OPERATION
RESET_N
Input
Resulting Mode
Summary
0
Standby
Lowest Power Mode – no function other than monitoring RESET_N
input to move to higher states. All regulators are powered off.
1
Hub
Full Feature Mode - Operates as a configurable USB hub. Power
consumption based on how many ports are active, at what speeds
they are running and amount of data transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com